Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # MLF
Description  Metal Film Melf Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MLF Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

Back Button MLF Datasheet HTML 2Page - Stackpole Electronics, Inc. MLF Datasheet HTML 3Page - Stackpole Electronics, Inc. MLF Datasheet HTML 4Page - Stackpole Electronics, Inc. MLF Datasheet HTML 5Page - Stackpole Electronics, Inc. MLF Datasheet HTML 6Page - Stackpole Electronics, Inc. MLF Datasheet HTML 7Page - Stackpole Electronics, Inc. MLF Datasheet HTML 8Page - Stackpole Electronics, Inc. MLF Datasheet HTML 9Page - Stackpole Electronics, Inc. MLF Datasheet HTML 10Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev Date: 8/10/2022
6
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MLF / MLFM Series
Metal Film Melf Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Pulse withstanding capacity
The single impulse graph is the result of 50 impulses of rectangular shape applied at one-minute intervals. The limit of
acceptance was a shift in resistance of less than 1% from the initial value. The power applied was subject to the
restrictions of the maximum permissible impulse voltage graph shown.
Hot Spot Temperature
Recommended Pad Layout (cont.)
Type/Code
A
B
C
Unit
0.118
0.067
0.094
inches
3.00
1.70
2.40
mm
0.118
0.067
0.094
inches
3.00
1.70
2.40
mm
MLF12
MLFM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com