Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF Datasheet(PDF) 11 Page - Stackpole Electronics, Inc.

Part # MLF
Description  Metal Film Melf Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MLF Datasheet(HTML) 11 Page - Stackpole Electronics, Inc.

Back Button MLF Datasheet HTML 3Page - Stackpole Electronics, Inc. MLF Datasheet HTML 4Page - Stackpole Electronics, Inc. MLF Datasheet HTML 5Page - Stackpole Electronics, Inc. MLF Datasheet HTML 6Page - Stackpole Electronics, Inc. MLF Datasheet HTML 7Page - Stackpole Electronics, Inc. MLF Datasheet HTML 8Page - Stackpole Electronics, Inc. MLF Datasheet HTML 9Page - Stackpole Electronics, Inc. MLF Datasheet HTML 10Page - Stackpole Electronics, Inc. MLF Datasheet HTML 11Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Rev Date: 8/10/2022
11
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MLF / MLFM Series
Metal Film Melf Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in t
he “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
RoHS Compliance Status
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
M
L
F
1
2
D
T
E
4
K
7
5
MLF
Precision Metal Film Melf Resistor
SMD
YES
100% Matte Sn
Always
Always
MLFM
Precision Metal Film Mini Melf Resistor
SMD
YES
100% Matte Sn
Always
Always
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series
RoHS
Compliant
Lead-Free Termination
Composition
Resistance Value
Code
Description
Code Size
W
Code
Tol
Value
Code
Description
Product Code
Quantity
Code
ppm
MLF
Standard
18
0102
0.125
B
0.1%
Z
jumper
MLFM
Mini
15
0102 0.2, 0.3
D
0.5%
Y
5
14
0204
0.25
F
1%
T
10
25
0204
0.4
J
5%
E24
S
15
10 ohm = 10R0
12
0207
0.5
Z
jumper
E
25
100 ohm = 100R
1
0207
1
C
50
1 Kohm = 1K00
D
100
560 Kohm = 560K
zero ohm jumper = 0R00
MLF12, MLFM1
MLF18, MLF14,
MLFM15, MLFM25
E96, E24
T
Product Series
TCR
Packaging
Tolerance
Power Rating
Four characters with the
multiplier used as the
decimal holder.
3000
2000
7" Reel
Plastic Tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com