Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF Datasheet (PDF) - Amkor Technology

MLF Datasheet PDF - Amkor Technology
Part # MLF
Download  MLF Download
File Size   694.92 Kbytes
Page   4 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Amkor’s MicroLeadFrame® package is a near CSP plastic encapsulated package with a copper leadframe substrate.

MLF Datasheet (PDF)

Go To PDF Page Download Datasheet
MLF Datasheet PDF - Amkor Technology

Part # MLF
Download  MLF Click to download

File Size   694.92 Kbytes
Page   4 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Amkor’s MicroLeadFrame® package is a near CSP plastic encapsulated package with a copper leadframe substrate.

MLF Datasheet (HTML) - Amkor Technology


MLF Product details

Applications
The small size and weight along with excellent thermal and elec trical performance make the MicroLeadFrame® package an ideal choice for handheld portable applications such as smartphones and tablets or any other application where size, weight and package performance are required.

Features
Small size (reduce package footprint by 50% or more and improved RF performance) and weight
Standard leadframe process flow and equipment
Excellent thermal and electrical performance
0.35 mm to 1.45 mm maximum height
I/O count range: 1-180 available with conventional MLF®; >200 possible with rtMLF®
1-13 mm body size
Thin profile and superior die-to-body size ratio
Pb-free/Green
Flexible designs and high yields
Saw and punch versions available




Similar Part No. - MLF

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
MLF AMKOR-MLF Datasheet
754Kb / 3P
Saw MLF PEL (Plated End Lead) Package
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
Metal Film Melf Resistor
8/10/2022
logo
TDK Electronics
MLF1005 TDK-MLF1005 Datasheet
3Mb / 23P
Inductors for Standard Circuits Multilayer Ferrite MLFseries
MLF1005 TDK-MLF1005 Datasheet
335Kb / 24P
Inductors for Standard Circuits Multilayer Ferrite
MLF1005G TDK-MLF1005G Datasheet
3Mb / 23P
Inductors for Standard Circuits Multilayer Ferrite MLFseries
More results


Similar Description - MLF

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
FCCSP AMKOR-FCCSP Datasheet
119Kb / 2P
a flip chip solution in a CSP package format.
logo
Continental Device Indi...
A-405 CDIL-A-405 Datasheet
76Kb / 5P
A-405 Axial Plastic Package
logo
Finisar Corporation.
HVS6003-002 FINISAR-HVS6003-002 Datasheet
413Kb / 8P
PHOTOREFLECTIVE SENSOR LEADFRAME PACKAGE
logo
Foshan Blue Rocket Elec...
2N5064 FOSHAN-2N5064 Datasheet
1Mb / 6P
Thyristor in a TO-92 Plastic Package
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
Triac in a TO-220 Plastic Package
BTA12F FOSHAN-BTA12F Datasheet
1Mb / 8P
Triac in a TO-220F Plastic Package
BTB08 FOSHAN-BTB08 Datasheet
1Mb / 8P
Triac in a TO-220 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
Thyristor in a TO-92 Plastic Package
MCR100 FOSHAN-MCR100 Datasheet
788Kb / 6P
Thyristor in a TO-92 Plastic Package
logo
Littelfuse
SM7 LITTELFUSE-SM7 Datasheet
780Kb / 5P
The Littelfuse SM7 is a plastic-encapsulated surface mount MOV in a PPS material molded package with tin-plated terminal which is fully qualified in lead free
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com