Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF Datasheet(PDF) 2 Page - Amkor Technology

Part # MLF
Description  Amkor’s MicroLeadFrame® package is a near CSP plastic encapsulated package with a copper leadframe substrate.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

MLF Datasheet(HTML) 2 Page - Amkor Technology

  MLF Datasheet HTML 1Page - Amkor Technology MLF Datasheet HTML 2Page - Amkor Technology MLF Datasheet HTML 3Page - Amkor Technology MLF Datasheet HTML 4Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MicroLeadFrame®
Features
f
Small size (reduce package footprint by 50% or more
and improved RF performance) and weight
f
Standard leadframe process flow and equipment
f
Excellent thermal and electrical performance
f
0.35 mm to 1.45 mm maximum height
f
I/O count range: 1-180 available with conventional
MLF®; >200 possible with rtMLF®
f
1-13 mm body size
f
Thin profile and superior die-to-body size ratio
f
Pb-free/Green
f
Flexible designs and high yields
f
Saw and punch versions available
Dual Row MLF® Package
An MLF® package with two rows of leads offers a
cost effective, high-performance solution for devices
requiring up to 180 I/O. Typical applications include
hard disk drives, USB controllers and wireless LAN.
Saw MLF® Wettable Flanks Package
This package meets customer requirements for the
automotive industry including: fine lead pitch (0.50 mm,
0.65 mm), higher solder filled height on the side of lead
area; similar or better BLR performance than standard
design; and elimination of need for X-ray monitoring
after SMD. Amkor has released this process to High
Volume Manufacturing (HVM).
rtMLF® (Routable Molded
Leadframe) Package
The rtMLF® is an MLF® package with resin filled traces
for small form factor driven structures. This offers a
low-cost, high thermal performance device in a smaller
footprint. It has internal routing traces with limited line
width/space capability and this package adapts easily
to flip chip configurations. rtMLF® provides higher pin
count and more flexible internal trace routing with
resin filled leadframe.
Reliability Qualification
Amkor devices are assembled in optimized package
designs with proven reliable semiconductor materials.
f
Moisture sensitivity characterization: JEDEC
level 1*, 85°C/85% RH, 168 hrs
f
uHAST: 130°C/85% RH, 96 hrs
f
Temp/Humidity: 85°C/85% RH, 1000 hours
f
Temp cycle: -65°C/+150°C, 1000 cycles
f
High temp storage: 150°C, 1000 hours
*Depending on BOM, body size and design
Process Highlights
f
Die thickness: .20 ± .05 mm nominal, thinner for
special applications
f
Marking: Laser
f
IPD: Integrated passive device
f
Stacked die: Multiple die, pyramid or side by side
combination
Standard Materials
f
Leadframe: Copper alloy, dual gauge, PPF
f
Die attach: Conductive epoxy or DAF, non-conductive
epoxy or DAF
f
Wire: Au, Cu, Au PCC, Ag
f
Mold compound: Pb-free/Green capable
f
Plating: Matte Sn, NiPdAu, Ag
Test Services
f
Program generation/conversion
f
Product engineering
f
Available test/handling technology
f
Burn-in capabilities
f
Tape and reel services
f
Film frame
Shipping
f
Clear anti-static tubes, bakable trays or metal
canisters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com