Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF Datasheet(PDF) 1 Page - Amkor Technology

Part # MLF
Description  Amkor’s MicroLeadFrame® package is a near CSP plastic encapsulated package with a copper leadframe substrate.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

MLF Datasheet(HTML) 1 Page - Amkor Technology

  MLF Datasheet HTML 1Page - Amkor Technology MLF Datasheet HTML 2Page - Amkor Technology MLF Datasheet HTML 3Page - Amkor Technology MLF Datasheet HTML 4Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Amkor’s MicroLeadFrame® (MLF®/QFN/SON/DFN) package is a near
CSP plastic encapsulated package with a copper leadframe substrate.
This package uses perimeter lands on the bottom of the package to
provide electrical contact to the Printed Wiring Board (PWB).
The package also offers Amkor’s ExposedPad technology as a thermal
enhancement. Having the die attach paddle exposed on the bottom
of the package surface provides an efficient heat path when soldered
directly to the PWB. This enhancement also enables stable ground
using down bonds or by electrical connection through a conductive
die attach material.
Applications
The small size and weight along with excellent thermal and electrical
performance make the MicroLeadFrame® package an ideal choice for
handheld portable applications such as smartphones and tablets or
any other application where size, weight and package performance are
required.
MicroLeadFrame®
DATA SHEET | LEADFRAME PRODUCTS
Thermal Performance
Multi-Layer PCB
Package
Body Size
(mm)
# Board
Vias
Exposed Pad
(mm)
Die
(mm)
ΘJA
(°C/W)
12 Ld
3 x 3
1
1.25
1.25
61.1
28 Ld
5 x 5
9
2.7
2.54
34.8
44 Ld
7 x 7
16
4.8
3.81
24.4
52 Ld
8 x 8
25
6.1
5.08
20.9
64 Ld
10 x 10
36
7.1
2.79
29.4
124 Ld
10 x 10
36
7.1
2.79
30.0
JEDEC standard test boards
Modeled data @ air flow
Electrical Performance
Simulated Results @ 2 GHz
Package
Body Size
(mm)
Lead
Inductance
(nH)
Capacitance
(pF)
Resistance
(mΩ)
12 Ld
3 x 3
Longest
Shortest
0.564
0.531
0.203
0.220
141.8
138.9
44 Ld
7 x 7
Longest
Shortest
1.766
1.194
0.326
0.289
315.1
234.5
64 Ld
10 x 10
Longest
Shortest
2.179
1.475
0.518
0.409
337.5
250.8
Values dependent on specific die and wire configurations
MLF® OFFERINGS
f
Chip-on-Lead (CoL)
f
Thin MicroLeadFrame®
f
Flip chip MLF® (fcMLF®)
f
Routable MLF® (rtMLF®)
f
Single row (up to 108 I/O)
▷ Punch and saw formats
f
Dual row (up to 180 I/O)
▷ Punch and saw formats
f
Multi-Chip Package (MCP)
f
Stacked die
f
Non-exposed pad
f
PPF (NiPd) punch & saw
MicroLeadFrame®
f
Small MLF® (less than 2 x 2 body size)
f
Non-magnetic leadframes for sensors
f
Split pad designs for increased
flexibility and I/O count
f
Wettable flanks (PEL)
f
Edge Protection™ technology


Similar Part No. - MLF

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
MLF AMKOR-MLF Datasheet
754Kb / 3P
Saw MLF PEL (Plated End Lead) Package
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
Metal Film Melf Resistor
8/10/2022
logo
TDK Electronics
MLF1005 TDK-MLF1005 Datasheet
3Mb / 23P
Inductors for Standard Circuits Multilayer Ferrite MLFseries
MLF1005 TDK-MLF1005 Datasheet
335Kb / 24P
Inductors for Standard Circuits Multilayer Ferrite
MLF1005G TDK-MLF1005G Datasheet
3Mb / 23P
Inductors for Standard Circuits Multilayer Ferrite MLFseries
More results

Similar Description - MLF

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
FCCSP AMKOR-FCCSP Datasheet
119Kb / 2P
a flip chip solution in a CSP package format.
logo
Continental Device Indi...
A-405 CDIL-A-405 Datasheet
76Kb / 5P
A-405 Axial Plastic Package
logo
Finisar Corporation.
HVS6003-002 FINISAR-HVS6003-002 Datasheet
413Kb / 8P
PHOTOREFLECTIVE SENSOR LEADFRAME PACKAGE
logo
Foshan Blue Rocket Elec...
2N5064 FOSHAN-2N5064 Datasheet
1Mb / 6P
Thyristor in a TO-92 Plastic Package
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
Triac in a TO-220 Plastic Package
BTA12F FOSHAN-BTA12F Datasheet
1Mb / 8P
Triac in a TO-220F Plastic Package
BTB08 FOSHAN-BTB08 Datasheet
1Mb / 8P
Triac in a TO-220 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
Thyristor in a TO-92 Plastic Package
MCR100 FOSHAN-MCR100 Datasheet
788Kb / 6P
Thyristor in a TO-92 Plastic Package
logo
Littelfuse
SM7 LITTELFUSE-SM7 Datasheet
780Kb / 5P
The Littelfuse SM7 is a plastic-encapsulated surface mount MOV in a PPS material molded package with tin-plated terminal which is fully qualified in lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com