Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF Datasheet(PDF) 3 Page - Amkor Technology

Part # MLF
Description  Amkor’s MicroLeadFrame® package is a near CSP plastic encapsulated package with a copper leadframe substrate.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

MLF Datasheet(HTML) 3 Page - Amkor Technology

  MLF Datasheet HTML 1Page - Amkor Technology MLF Datasheet HTML 2Page - Amkor Technology MLF Datasheet HTML 3Page - Amkor Technology MLF Datasheet HTML 4Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroLeadFrame®
Edge Protection™ Technology
Since its inception in the late 1990’s, Amkor’s
MicroLeadFrame® package has seen accelerated
adoption by the automotive industry as a result of its
size advantages, robust performance qualities and
the integration of wettable flanks. Amkor offers the
MLF® package in punch and saw formats to meet the
demanding needs of the automotive industry and
is recognized as the premiere supplier of this QFN
package.
To further improve the strength of the MLF® package
design, Amkor has developed Edge Protection™
technology that protects the edges of the device during
handling operations, such as test and surface mount
assembly (SMA). By strengthening the edges of the
punch MLF® package, test induced damage has been
significantly reduced. Amkor now offers its punch MLF®
package with Edge Protection™ technology in a variety
of body sizes.
This innovative enhancement is rapidly growing in
acceptance, particularly in the area of test, as Amkor’s
Edge Protection™ technology improves the robustness
of package design. Additionally, Amkor has continued
to develop enhancements to extend the capabilities of
the MLF® package. With the proven implementation of
dimple end leads, the punch MLF® continues to be the
package format of choice for automotive applications.
Edge Protection™ Considerations
Amkor’s package enhancement protects the edges of
MLF® packaging during handling, test and assembly
process operations.
Advantages
f
Package corners and edges strengthened by ≥2x
f
Elimination of test induced damage
f
Elimination of common handling damage
f
No change to package footprint
Individual Unit Design “Punch”
Cross Section MicroLeadFrame®
Package Height Comparison
Map Design “Saw”
Without Edge Protection™
With Edge Protection™
EPT
Gold wire
Cu leadframe
A
B
Down bond
Mold compound
Die
C
D
E
0.9 mm
.0.8 mm
.0.5 mm
.0.3 mm
SOT/SC
CABGA
SOIC
TSSOP
TSOP
TQFP
LQFP
TSOP
MQFP
MQFP
1.1 mm
1.2 mm
1.6 mm
2.33 mm
3.93 mm
MLF®
Die attach adhesive
Exposed die paddle
Ground bond
G
H
Ag plating
NiPd plating
J
K
A
B
C
E
D
F
I
G
H
J
F
I
B
C
E
D
F
I
G
H
K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com