Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF Datasheet(PDF) 4 Page - Amkor Technology

Part # MLF
Description  Amkor’s MicroLeadFrame® package is a near CSP plastic encapsulated package with a copper leadframe substrate.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

MLF Datasheet(HTML) 4 Page - Amkor Technology

  MLF Datasheet HTML 1Page - Amkor Technology MLF Datasheet HTML 2Page - Amkor Technology MLF Datasheet HTML 3Page - Amkor Technology MLF Datasheet HTML 4Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not
in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor
reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are
registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2021 Amkor Technology, Incorporated. All Rights Reserved. DS572U-EN Rev Date: 02/21
Visit amkor.com or email sales@amkor.com for more information.
MicroLeadFrame®
Configuration Options For Dual Row MLF®
MLF® Package Family (mm)
Note: Various package sizes available between 1 x 1 through 3 x 3. For example: 2.5 x 2.5, 2 x 1 or 1.5 x 1.5
Package Type
Body Size
Single Row Lead Counts
Dual Row Lead Counts
0.50 mm Pitch
0.40 mm Pitch
0.65 mm Pitch
0.50 mm Pitch
Saw
5 x 5
32
40
36
52
Saw
6 x 6
40
48
44
68
Saw
7 x 7
48
60
60
84
Saw/Punch
8 x 8
56
68
76
100
Punch
9 x 9
64
76
84
116
Punch
10 x 10
72
88
100
132
Punch
11 x 11
N/A
N/A
108
148
Punch
12 x 12
88
108
116
164
Punch
13 x 13
N/A
N/A
124
180



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com