Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED6000 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 14Page - STMicroelectronics ALED6000 Datasheet HTML 15Page - STMicroelectronics ALED6000 Datasheet HTML 16Page - STMicroelectronics ALED6000 Datasheet HTML 17Page - STMicroelectronics ALED6000 Datasheet HTML 18Page - STMicroelectronics ALED6000 Datasheet HTML 19Page - STMicroelectronics ALED6000 Datasheet HTML 20Page - STMicroelectronics ALED6000 Datasheet HTML 21Page - STMicroelectronics ALED6000 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Figure 14. Current limit and programming resistor
.500
1.00
1.500
2.00
2.500
3.00
3.500
4.00
4.500
20
30
40
50
60
70
80
90
100
RILIM [kΩ]
5.7
Overtemperature protection
It is recommended that the device never exceeds the maximum allowable junction temperature. This temperature
increase is mainly caused by the total power dissipated by the integrated power MOSFET.
To avoid any damage to the device when reaching high temperature, the ALED6000 implements a thermal
shutdown feature: when the junction temperature reaches 170 °C (typ.) the device turns off the power MOSFET
and shuts down.
When the junction temperature drops to 155 °C (typ.), the device restarts with a new soft-start sequence.
ALED6000
Overtemperature protection
DS13018 - Rev 4
page 18/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com