Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED6000 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 17Page - STMicroelectronics ALED6000 Datasheet HTML 18Page - STMicroelectronics ALED6000 Datasheet HTML 19Page - STMicroelectronics ALED6000 Datasheet HTML 20Page - STMicroelectronics ALED6000 Datasheet HTML 21Page - STMicroelectronics ALED6000 Datasheet HTML 22Page - STMicroelectronics ALED6000 Datasheet HTML 23Page - STMicroelectronics ALED6000 Datasheet HTML 24Page - STMicroelectronics ALED6000 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
6.3
Compensation strategy
The compensation network must assure stability and good dynamic performance. The loop of the ALED6000 is
based on the voltage mode control. The error amplifier is an operational amplifier with high bandwidth. So, by
selecting the compensation network the E/A is considered as ideal, that is, its bandwidth is much larger than the
system one.
Figure 16. Switching regulator control loop simplified model
V S
PWM
EA
V IN
L
R
COMP
V REF
Power
section
Compensation
network
Internal
switch
FB
LX
SNS
RD1
RD2
CO
RES
RDC
ZS
ZF
The transfer function of the PWM modulator, from the error amplifier output (COMP pin) to the LX pin results in
an almost constant gain, due to the voltage feed-forward which generates a sawtooth with amplitude VS directly
proportional to the input voltage:
GPWO= 1VS= 1KFF⋅VIN
(13)
The synchronization of the device with an external clock provided through the SYNCH pin can modify the PWM
modulator gain (see Section 5.1 Oscillator and synchronization to understand how this gain changes and how to
keep it constant in spite of the external synchronization).
The transfer function of the power section (i.e. the voltage across RSNS resulting as a variation of the duty cycle)
is:
GLCs =VSNSsds =
RSNS⋅VIN
RSNS+s⋅L+RDC+N⋅Rd//1+s⋅C0⋅RES
s⋅C0
(14)
given L, RDC, CO, RES, RSNS and Rd the parameters shown in Figure 16. Switching regulator control loop
simplified model .
The power section transfer function can be rewritten as follows:
GLCs =GLC0⋅ 1+ s2π⋅fz
1+ s2π⋅Q⋅fLC+ s2π⋅fLC2;GLC0≅ RSNS⋅VIN
RSNS+N⋅Rd
(15)
ALED6000
Compensation strategy
DS13018 - Rev 4
page 21/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com