Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED6000 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 20Page - STMicroelectronics ALED6000 Datasheet HTML 21Page - STMicroelectronics ALED6000 Datasheet HTML 22Page - STMicroelectronics ALED6000 Datasheet HTML 23Page - STMicroelectronics ALED6000 Datasheet HTML 24Page - STMicroelectronics ALED6000 Datasheet HTML 25Page - STMicroelectronics ALED6000 Datasheet HTML 26Page - STMicroelectronics ALED6000 Datasheet HTML 27Page - STMicroelectronics ALED6000 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
PQ=VIN⋅IQOPVIN+VBIAS⋅IQOPVBIAS
(25)
where IQOPVIN and IQOPVBIAS are the ALED6000 quiescent current in case of separate bias supply. If the
switch-over feature is not used, the IC quiescent current is the only one from VIN, IQUIESC, as summarized in
Table 5. Electrical characteristics .
The junction temperature TJ can be calculated as
TJ=TA+Rtℎ,JA⋅PTOT
(26)
where TA is the ambient temperature and PTOT is the sum of the power losses just seen.
RthJA is the equivalent thermal resistance junction-to-ambient of the device; it can be calculated as the parallel of
many paths of heat conduction from the junction-to-ambient.
For this device the path through the exposed pad is the one conducting the largest amount of heat. The RthJA,
measured on the demonstration board described in the following paragraph, is about 40 °C/W for the HTTSOP16
package.
6.5
Layout considerations
The PCB layout of the switching DC/DC regulators is very important to minimize the noise injected in high
impedance nodes and interference generated by the high switching current loops. Two separated ground areas
must be considered: the signal ground and the power ground.
In a step-down converter the input loop (including the input capacitor, the power MOSFET and the freewheeling
diode) is the most critical one. This is due to the fact that high value pulsed currents are flowing through it.
In order to minimize the EMI, this loop must be as short as possible. The input loop, including also the output
capacitor, must be referred to the power ground. All the other components are referred to the signal ground.
The feedback pin (FB) connection to the external current sensing resistor is a high impedance node, so the
interference can be minimized by placing the routing of the feedback node as far as possible from the high current
paths. To reduce the pick-up noise, the compensation network involving FB and COMP pins should be placed
very close to the device.
To filter the high frequency noise, a small bypass capacitor (1 μF or higher) must be added as close as possible to
the input voltage pin of the device, for both VIN and VCC pins.
Thanks to the exposed pad of the device, the ground plane helps to reduce the junction-to-ambient thermal
resistance; so a wide ground plane enhances the thermal performance of the converter, allowing high power
conversion.
The exposed pad must be connected to the signal GND pin. The connection to the ground plane must be
achieved by taking care of the above mentioned input loop, in order to avoid high current flowing through the
signal GND.
Refer to Section 7 Demonstration board for the ALED6000 layout example.
ALED6000
Layout considerations
DS13018 - Rev 4
page 24/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com