Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED6000 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 27Page - STMicroelectronics ALED6000 Datasheet HTML 28Page - STMicroelectronics ALED6000 Datasheet HTML 29Page - STMicroelectronics ALED6000 Datasheet HTML 30Page - STMicroelectronics ALED6000 Datasheet HTML 31Page - STMicroelectronics ALED6000 Datasheet HTML 32Page - STMicroelectronics ALED6000 Datasheet HTML 33Page - STMicroelectronics ALED6000 Datasheet HTML 34Page - STMicroelectronics ALED6000 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Figure 26. Positive buck-boost topology
ALED6000
VIN
VOUT
The main drawback of this topology, compared to inverting buck-boost, is the slightly lower efficiency. In the
positive buck-boost Eq. (27) is not applied, so the maximum input voltage is the maximum operating input voltage
for the ALED6000, as shown in Table 5. Electrical characteristics. In addition, the maximum output voltage can be
higher than 61 V, assuming that the external MOS FET and Schottky diode are properly rated.
The other considerations summarized in Section 8.1 Inverting buck-boost are also applied to this topology.
Figure 26. Positive buck-boost topology shows the schematic circuit for an LED current source based on positive
buck-boost topology. The expected input voltage is 24 V, with dynamic variation in 9 - 60 V range and it can drive
a string composed of 8 white LEDs with 0.53 A DC.
Figure 27. Positive buck-boost schematic
R19
0
C7
100nF
R9
27k
C16
N.M.
TP8
VBIAS
L2
4.7uH
TP1
DIM
R1
100k
TP7
GND
C11
1nF
D3
BZX384-B30
R4
0
R6 1.5k
L1 47uH
+
C12
TP6
GND
R3
0R
Q1
R15
100R
C8
N.M.
U1
ALED6000
DIM 12
VIN_2
3
SS
6
SYNCH
7
FSW
10
ILIM
11
COMP 8
EN
5
FB 9
GND
16
VCC
4
LX_1 13
LX_2 14
VIN_1
2
VBIAS 1
BOOT 15
TP
17
R5 N.M.
D2 STPS3L60
D4
BAS70
TP5
EN
R12
100k
D1
STPS3L60
C9
68nF
R2
0R
TP2
SYNCH
R16
N.M.
D5
BZX384-B12
TP9 VLED-
TP3
VIN
TP4 VLED+
C13
N.M.
R13
0.47
C15
2.2nF
R8
47k
R7
10k
R18
N.M.
This schematic also includes two additional circuits:
•
A level shifter / clamping network for safe MOS driving and protection
•
An external overvoltage protection which avoids the IC damage in case of LED open row fault. This function
is implemented by a Zener diode, D3, R7 and the sensing resistor, RSNS = R13
ALED6000
Positive buck-boost
DS13018 - Rev 4
page 31/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com