Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9690 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9690
Description  Automotive 12 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9690 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9690 Datasheet HTML 7Page - STMicroelectronics L9690 Datasheet HTML 8Page - STMicroelectronics L9690 Datasheet HTML 9Page - STMicroelectronics L9690 Datasheet HTML 10Page - STMicroelectronics L9690 Datasheet HTML 11Page - STMicroelectronics L9690 Datasheet HTML 12Page - STMicroelectronics L9690 Datasheet HTML 13Page - STMicroelectronics L9690 Datasheet HTML 14Page - STMicroelectronics L9690 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
4. In the case of deployment turn off the transient voltages on SS and SF pins can move away from each other until a
maximum voltage of SS-SF < 45 V for a limited transient time (6.5 μs maximum) with no damage on device. Additionally in
this time transient, in worst case load condition (maximum load inductance 56 μH) the peak energy that can be handled by
the ESD protection on SF pin is 128 μJ within a maximum time of 6.5 μs.
5. Valid for TJ > 27 deg, otherwise -18 V.
6. Set at 40 V for pin FMEA constraints.
Table 3. ESD protection
Symbol
Parameter
Min
Typ
Max
Unit
All pins
HBM
-2
-
2
kV
All pins
CDM (values for corner pins in brackets)
-500/(-750)
-
500/(750)
V
Global pins (except LIN)
HBM
-4
-
4
kV
LIN pin
HBM
-6
-
6
kV
L9690
Absolute maximum ratings
DB4806 - Rev 2
page 11/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com