Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9690 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9690
Description  Automotive 12 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9690 Datasheet(HTML) 1 Page - STMicroelectronics

  L9690 Datasheet HTML 1Page - STMicroelectronics L9690 Datasheet HTML 2Page - STMicroelectronics L9690 Datasheet HTML 3Page - STMicroelectronics L9690 Datasheet HTML 4Page - STMicroelectronics L9690 Datasheet HTML 5Page - STMicroelectronics L9690 Datasheet HTML 6Page - STMicroelectronics L9690 Datasheet HTML 7Page - STMicroelectronics L9690 Datasheet HTML 8Page - STMicroelectronics L9690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Features
•
AEC-Q100 qualified
•
Single chip and master/slave configurations
•
Boost regulator for energy reserve
–
2 MHz operation
–
Output voltage 24 V/33 V ±6%, user-selectable, peak inductor current
regulation
–
Capacitor value and ESR diagnostics
•
Boost regulator for low voltage system operation
–
2 MHz operation
–
Output voltage, 10 V ±8%, 870 mA max
•
Buck regulator for remote sensor
–
2 MHz operation
–
Output voltage, 6.5 V/8 V ±4%, 700 mA max
•
Buck regulator for micro controller unit
–
2 MHz operation
–
Output voltage, 3.3 V ±3%, 450 mA max
•
Remote sensor interface and SYNC pulse supply voltage inputs and monitorings
•
Linear regulator with external power PNP transistor, 5 V ±5%, 135 mA max
•
Integrated energy reserve crossover switch with switch active output indicator,
configured as input for slave mode operation
•
Battery voltage monitor and shutdown with wake-up control
•
System voltage diagnostics with integrated ADCs
•
Squib/LEA deployment drivers
–
12 channel HSD/LSD for squib load
–
2 over 12 channels supporting LEA load
–
2 channel couples supporting common-return connection
–
18 V deployment voltage
–
Low, high and automatic dynamic deployment current profiles
–
R measure, STB, STG and leakage diagnostics
–
High and low side driver FET tests
–
LEA presence diagnostics
•
Two isolated high side safing FET regulators and diagnostics
•
Six channel PSI-5 v2.3 remote sensor interface
•
Three channel general purpose low side drivers with 0-100% PWM control
•
Nine channel hall-effect, resistive or switch sensor interface
•
User-programmable safing logic and rolling average algorithm
•
E2E arming procedure through Global SPI
•
Temporal watchdog timer
•
End-of-life disposal interface
•
Temperature sensor
•
32 bit Global SPI bus interface
•
32 bit Remote Sensor SPI bus interface, SafeSPI v1.0 compatible
TQFP128 exposed pad down
(14x14x1.0 mm)
Product status link
L9690
Product summary
Order
code
Package
Packing
L9690 -TR
TQFP128EP
14x14x1.0 mm
Tape and
reel
Automotive 12 channels chip for advanced airbag applications
L9690
Data brief
DB4806 - Rev 2 - September 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9691 STMICROELECTRONICS-L9691 Datasheet
1Mb / 24P
Automotive 16 channels chip for advanced airbag applications
September 2022 Rev 2
More results

Similar Description - L9690

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880_14 Datasheet
1Mb / 87P
15 Channels Advanced PMU for Smart Phone
Rev 2, 03-Sep-13
logo
Texas Instruments
TPS99110-Q1 TI1-TPS99110-Q1 Datasheet
863Kb / 63P
System-Basis Chip for Automotive Applications
TPS99110-Q1 TI1-TPS99110-Q1_17 Datasheet
1Mb / 67P
System-Basis Chip for Automotive Applications
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
L9679P STMICROELECTRONICS-L9679P Datasheet
2Mb / 272P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
L9680 STMICROELECTRONICS-L9680 Datasheet
2Mb / 277P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
L9963 STMICROELECTRONICS-L9963 Datasheet
440Kb / 11P
Automotive chip for battery management applications
03-Oct-2019
logo
ON Semiconductor
NCV7685 ONSEMI-NCV7685 Datasheet
339Kb / 19P
12 Channels 60 mA LED Linear Current Driver I2C Controllable for Automotive Applications
October, 2020 ??Rev. 2
logo
STMicroelectronics
L9689E STMICROELECTRONICS-L9689E Datasheet
2Mb / 19P
Automotive 8 channels chip for advanced airbag applications
06-Sep-2022
L9691 STMICROELECTRONICS-L9691 Datasheet
1Mb / 24P
Automotive 16 channels chip for advanced airbag applications
September 2022 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com