Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963 Datasheet (PDF) - STMicroelectronics

L9963 Datasheet PDF - STMicroelectronics
Part # L9963
Download  L9963 Download
File Size   440.63 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive chip for battery management applications

L9963 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9963 Datasheet PDF - STMicroelectronics

Part # L9963
Download  L9963 Click to download

File Size   440.63 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive chip for battery management applications

L9963 Datasheet (HTML) - STMicroelectronics


L9963 Product details

Description
The L9963 is a Li-ion battery monitoring and protection chip for high-reliability automotive applications and energy storage systems. Up to 14 stacked battery cells can be monitored to meet the requirements of 48 V and higher voltage systems. Each cell voltage is measured with high accuracy, as well as the current for the onchip coulomb counting. The device can monitor up to 7 NTCs. The information is transmitted through SPI communication or isolated interface. Multiple L9963 can be connected in a daisy chain and communicate with one host processor via the transformer isolated interfaces, featuring high-speed, low EMI, long distance, and reliable data transmission. Product status link L9963 Product label Product summary

Features
■ AEC-Q100 qualified
■ Measures 4 to 14 cells in series, with 0 us desynchronization delay between samples. Supports also busbar connection without altering cell results
■ Coulomb counter supporting pack overcurrent detection in both ignition on and off states. Fully synchronized current and voltage samples
■ 16-bit voltage measurement with maximum error of ±2 mV in the [1.7 – 4.7] V range, in whole operating temp range
■ 2.66 Mbps isolated serial communication with regenerative buffer, supporting dual access ring. Less than 2 µs latency between start of conversion of the 1st and the 15th device in a chain. Less than 4 ms to convert and read 96 cells in a system using 8 L9963. Supports both transformer and capacitive based isolation
■ 200 mA passive internal balancing current for each cell in both normal and silent-balancing mode. Possibility of executing cyclic wake-up measurements. Manual/Timed balancing, on multiple channels simultaneously; Internal/external balancing
■ Fully redundant cell measurement path, with ADC Swap, for enhanced safety and limp home functionality
■ Intelligent diagnostic routine providing automatic failure validation. Redundant fault notification through both SPI Global Status Word (GSW) and dedicated FAULT line
■ Two 5 V regulators supporting external load connection with 25 mA (VCOM) and 50 mA (VTREF) current capability
■ 9 GPIOs, with up to 7 analog inputs for NTC sensing
■ Robust hot-plug performance. No Zeners needed in parallel to each cell
■ Full ISO26262 compliant, ASIL-D systems ready
■ TQFP64EP package

Applications
■ 48 V and high-voltage battery packs
■ Backup energy storage systems and UPS
■ E-bikes, e-scooters
■ Portable and semi-portable equipment




Similar Part No. - L9963

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
L9963E STMICROELECTRONICS-L9963E Datasheet
11Mb / 184P
Automotive Multicell battery monitoring and balancing IC
21-Nov-2022
L9963E-TR STMICROELECTRONICS-L9963E-TR Datasheet
9Mb / 184P
Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
L9963E-TR STMICROELECTRONICS-L9963E-TR Datasheet
11Mb / 184P
Automotive Multicell battery monitoring and balancing IC
21-Nov-2022
L9963E STMICROELECTRONICS-L9963E_V01 Datasheet
11Mb / 184P
Automotive Multicell battery monitoring and balancing IC
21-Nov-2022
More results


Similar Description - L9963

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6113 TOSHIBA-TPC6113 Datasheet
218Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPC8125 TOSHIBA-TPC8125 Datasheet
227Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPCA8128 TOSHIBA-TPCA8128 Datasheet
247Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPCC8105 TOSHIBA-TPCC8105 Datasheet
225Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
logo
Texas Instruments
TPS65313-Q1 TI1-TPS65313-Q1 Datasheet
174Kb / 10P
High-Voltage Power-Management IC for Automotive Applications
logo
Shenzhen Huazhimei Semi...
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
battery charge management chip
logo
Wurth Elektronik GmbH &...
74941302 WURTH-74941302 Datasheet
85Kb / 1P
Transformer for Battery Management Systems
2020-04-02
logo
Renesas Technology Corp
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
General-Purpose Power Management IC for Automotive Applications
May 23, 2022
logo
Guangdong Youtai Semico...
TP4054 UMW-TP4054 Datasheet
668Kb / 11P
Micro Linear Battery Management Chip
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com