Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9963
Description  Automotive chip for battery management applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963 Datasheet(HTML) 5 Page - STMicroelectronics

  L9963 Datasheet HTML 1Page - STMicroelectronics L9963 Datasheet HTML 2Page - STMicroelectronics L9963 Datasheet HTML 3Page - STMicroelectronics L9963 Datasheet HTML 4Page - STMicroelectronics L9963 Datasheet HTML 5Page - STMicroelectronics L9963 Datasheet HTML 6Page - STMicroelectronics L9963 Datasheet HTML 7Page - STMicroelectronics L9963 Datasheet HTML 8Page - STMicroelectronics L9963 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
TQFP64EP (10x10x1 mm exp. pad down) package information
Figure 3. TQFP64EP (10x10x1 mm exp. pad down) package outline
SECTION B-B
S
L
b1
c
c1
(b)
(L1)
R1
R2
GAUGE PLANE
θ
7278840_Rev9.0_PkgCode_9I
D
N
(N-4) x
1
2
3
D1
E
E1
D
A
A
A
(see SECTION A-A)
A
A2
A1
C
H
ccc C
e
b
D2
D3
E3 E2
D1/4
E1/4
B
4x N/4 TIPS
4x
D1/4
E1/4
─ 0.05
aaa C A-B D
bbb H A-B D
A
M
D
GAPGPS03451
BOTTOM VIEW
SECTION A-A
WITH PLATING
θ2
θ1
θ3
BASE METAL
ddd
TOP VIEW
Table 1. TQFP64EP (10x10x1 mm exp. pad down) package mechanical data
Ref
Min.
Typ.
Max.
Note
(see # in Notes below)
Ө
0°
3.5°
7°
-
Ө1
0°
-
-
-
L9963
Package information
DB4045 - Rev 1
page 5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com