Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9963
Description  Automotive chip for battery management applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9963 Datasheet HTML 3Page - STMicroelectronics L9963 Datasheet HTML 4Page - STMicroelectronics L9963 Datasheet HTML 5Page - STMicroelectronics L9963 Datasheet HTML 6Page - STMicroelectronics L9963 Datasheet HTML 7Page - STMicroelectronics L9963 Datasheet HTML 8Page - STMicroelectronics L9963 Datasheet HTML 9Page - STMicroelectronics L9963 Datasheet HTML 10Page - STMicroelectronics L9963 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Ref
Min.
Typ.
Max.
Note
(see # in Notes below)
D2
-
-
4.98
13, 14
E2
-
-
4.98
D3
3.29
-
-
E3
3.29
-
-
Pad option 6.0 x 6.0 (T3)
D2
-
-
6.40
13, 14
E2
-
-
6.40
D3
4.80
-
-
E3
4.80
-
-
Pad option 7.5 x 7.5 (T1)
D2
-
-
7.60
13, 14
E2
-
-
7.60
D3
7.30
-
-
E3
7.30
-
-
Notes
1.
Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994.
2.
The Top package body size may be smaller than the bottom package size up to 0.15 mm.
3.
Datum A-B and D to be determined at datum plane H.
4.
To be determined at seating datum plane C.
5.
Dimensions D1 and E1 do not include mold flash or protrusions. Allowable mold flash or protrusions is “0.25
mm” per side. D1 and E1 are Maximum plastic body size dimensions including mold mismatch.
6.
Details of pin 1 identifier are optional but must be located within the zone indicated.
7.
All Dimensions are in millimeters.
8.
No intrusion allowed inwards the leads.
9.
Dimension “b” does not include dambar protrusion. Allowable dambar protrusion shall not cause the lead
width to exceed the maximum “b” dimension by more than 0.08 mm. Dambar cannot be located on the lower
radius or the foot. Minimum space between protrusion and an adjacent lead is 0.07 mm for 0.4 mm and 0.5
mm pitch packages.
10. Exact shape of each corner is optional.
11. These dimensions apply to the flat section of the lead between 0.10 mm and 0.25 mm from the lead tip.
12. A1 is defined as the distance from the seating plane to the lowest point on the package body.
13. Dimensions D2 and E2 show the maximum exposed metal area on the package surface where the exposed
pad is located (if present). It includes all metal protrusions from exposed pad itself.
14. Dimensions D3 and E3 show the minimum solderable area, defined as the portion of exposed pad which is
guaranteed to be free from resin flashes/bleeds, bordered by internal edge of inner groove.
15. The optional exposed pad is generally coincident with the top or bottom side of the package and not allowed
to protrude beyond that surface.
16. “N” is the number of terminal positions for the specified body size.
L9963
TQFP64EP (10x10x1 mm exp. pad down) package information
DB4045 - Rev 1
page 7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com