Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9963
Description  Automotive chip for battery management applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963 Datasheet(HTML) 1 Page - STMicroelectronics

  L9963 Datasheet HTML 1Page - STMicroelectronics L9963 Datasheet HTML 2Page - STMicroelectronics L9963 Datasheet HTML 3Page - STMicroelectronics L9963 Datasheet HTML 4Page - STMicroelectronics L9963 Datasheet HTML 5Page - STMicroelectronics L9963 Datasheet HTML 6Page - STMicroelectronics L9963 Datasheet HTML 7Page - STMicroelectronics L9963 Datasheet HTML 8Page - STMicroelectronics L9963 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
•
AEC-Q100 qualified
•
Measures 4 to 14 cells in series, with 0 us desynchronization delay between
samples. Supports also busbar connection without altering cell results
•
Coulomb counter supporting pack overcurrent detection in both ignition on and
off states. Fully synchronized current and voltage samples
•
16-bit voltage measurement with maximum error of ±2 mV in the [1.7 – 4.7] V
range, in whole operating temp range
•
2.66 Mbps isolated serial communication with regenerative buffer, supporting
dual access ring. Less than 2 µs latency between start of conversion of the 1st
and the 15th device in a chain. Less than 4 ms to convert and read 96 cells in a
system using 8 L9963. Supports both transformer and capacitive based isolation
•
200 mA passive internal balancing current for each cell in both normal and
silent-balancing mode. Possibility of executing cyclic wake-up measurements.
Manual/Timed balancing, on multiple channels simultaneously; Internal/external
balancing
•
Fully redundant cell measurement path, with ADC Swap, for enhanced safety
and limp home functionality
•
Intelligent diagnostic routine providing automatic failure validation. Redundant
fault notification through both SPI Global Status Word (GSW) and dedicated
FAULT line
•
Two 5 V regulators supporting external load connection with 25 mA (VCOM) and
50 mA (VTREF) current capability
•
9 GPIOs, with up to 7 analog inputs for NTC sensing
•
Robust hot-plug performance. No Zeners needed in parallel to each cell
•
Full ISO26262 compliant, ASIL-D systems ready
•
TQFP64EP package
Application
•
48 V and high-voltage battery packs
•
Backup energy storage systems and UPS
•
E-bikes, e-scooters
•
Portable and semi-portable equipment
Description
The L9963 is a Li-ion battery monitoring and protection chip for high-reliability
automotive applications and energy storage systems. Up to 14 stacked battery cells
can be monitored to meet the requirements of 48 V and higher voltage systems.
Each cell voltage is measured with high accuracy, as well as the current for the on-
chip coulomb counting. The device can monitor up to 7 NTCs. The information is
transmitted through SPI communication or isolated interface.
Multiple L9963 can be connected in a daisy chain and communicate with one host
processor via the transformer isolated interfaces, featuring high-speed, low EMI, long
distance, and reliable data transmission.
Product status link
L9963
Product label
Product summary
Order code
Package
Packing
L9963
TQFP64EP
(exposed
pad down)
Tray
Automotive chip for battery management applications
L9963
Data brief
DB4045 - Rev 1 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9963

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
L9963E STMICROELECTRONICS-L9963E Datasheet
11Mb / 184P
Automotive Multicell battery monitoring and balancing IC
21-Nov-2022
L9963E-TR STMICROELECTRONICS-L9963E-TR Datasheet
9Mb / 184P
Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
L9963E-TR STMICROELECTRONICS-L9963E-TR Datasheet
11Mb / 184P
Automotive Multicell battery monitoring and balancing IC
21-Nov-2022
L9963E STMICROELECTRONICS-L9963E_V01 Datasheet
11Mb / 184P
Automotive Multicell battery monitoring and balancing IC
21-Nov-2022
More results

Similar Description - L9963

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6113 TOSHIBA-TPC6113 Datasheet
218Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPC8125 TOSHIBA-TPC8125 Datasheet
227Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPCA8128 TOSHIBA-TPCA8128 Datasheet
247Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPCC8105 TOSHIBA-TPCC8105 Datasheet
225Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
logo
Texas Instruments
TPS65313-Q1 TI1-TPS65313-Q1 Datasheet
174Kb / 10P
High-Voltage Power-Management IC for Automotive Applications
logo
Shenzhen Huazhimei Semi...
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
battery charge management chip
logo
Wurth Elektronik GmbH &...
74941302 WURTH-74941302 Datasheet
85Kb / 1P
Transformer for Battery Management Systems
2020-04-02
logo
Renesas Technology Corp
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
General-Purpose Power Management IC for Automotive Applications
May 23, 2022
logo
Guangdong Youtai Semico...
TP4054 UMW-TP4054 Datasheet
668Kb / 11P
Micro Linear Battery Management Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com