Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9963
Description  Automotive chip for battery management applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9963 Datasheet HTML 2Page - STMicroelectronics L9963 Datasheet HTML 3Page - STMicroelectronics L9963 Datasheet HTML 4Page - STMicroelectronics L9963 Datasheet HTML 5Page - STMicroelectronics L9963 Datasheet HTML 6Page - STMicroelectronics L9963 Datasheet HTML 7Page - STMicroelectronics L9963 Datasheet HTML 8Page - STMicroelectronics L9963 Datasheet HTML 9Page - STMicroelectronics L9963 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Ref
Min.
Typ.
Max.
Note
(see # in Notes below)
Ө2
11°
12°
13°
-
Ө3
11°
12°
13°
-
A
-
-
1.2
15
A1
0.05
-
0.15
12
A2
0.95
1
1.05
15
b
0.17
0.22
0.27
9, 11
b1
0.17
0.2
0.23
11
c
0.09
-
0.2
11
c1
0.09
-
0.16
11
D
-
12.00 BSC
-
4
D1
-
10.00 BSC
-
5, 2
D2
See VARIATIONS
13
D3
See VARIATIONS
14
e
-
0.50 BSC
-
-
E
-
12.00 BSC
-
4
E1(*)
-
10.00 BSC
-
5, 2
E2
See VARIATIONS
13
E3
See VARIATIONS
14
L
0.45
0.6
0.75
-
L1
-
1.00 REF
-
-
N
-
64
-
16
R1
0.08
-
-
-
R2
0.08
-
0.2
-
S
0.2
-
-
-
Tolerance of form and position
aaa
-
0.2
-
1, 7
bbb
-
0.2
-
ccc
-
0.08
-
ddd
-
0.08
-
VARIATIONS
Pad option 4.3 x 4.3 (T3)
D2
-
-
4.65
13, 14
E2
-
-
4.65
D3
2.90
-
-
E3
2.90
-
-
Pad option 4.5 x 4.5 (T1-T3)
L9963
TQFP64EP (10x10x1 mm exp. pad down) package information
DB4045 - Rev 1
page 6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com