Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9690 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9690
Description  Automotive 12 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9690 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9690 Datasheet HTML 14Page - STMicroelectronics L9690 Datasheet HTML 15Page - STMicroelectronics L9690 Datasheet HTML 16Page - STMicroelectronics L9690 Datasheet HTML 17Page - STMicroelectronics L9690 Datasheet HTML 18Page - STMicroelectronics L9690 Datasheet HTML 19Page - STMicroelectronics L9690 Datasheet HTML 20Page - STMicroelectronics L9690 Datasheet HTML 21Page - STMicroelectronics L9690 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Symbol
Dimensions in mm
Min.
Typ.
Max.
Ө2
11°
12°
13°
Ө3
11°
12°
13°
A
-
-
1.20
A1
0.05
-
0.15
A2
0.95
1.00
1.05
b
0.13
0.18
0.23
b1
0.13
0.16
0.19
c
0.09
-
0.20
c1
0.09
-
0.16
D
16.00 BSC
D1
14.00 BSC
D2(1)
-
-
8.18
D3(2)
6.80
-
-
e
0.40 BSC
E
16.00 BSC
E1
14.00 BSC
E2(1)
-
-
8.18
E3(2)
6.80
-
-
L
0.45
0.60
0.75
L1
1.00 REF
N
128
R1
0.08
-
-
R2
0.08
-
0.20
S
0.20
-
-
Tolerance of form and position
aaa
0.20
bbb
0.20
ccc
0.08
ddd
0.07
1. Dimensions D2 and E2 show the maximum exposed metal area on the package surface where the exposed pad is
located (if present). It includes all metal protrusions from exposed pad itself. End user should verify D2 and E2 dimensions
according to specific device application.
2. Dimensions D3 and E3 show the minimum solderable area, defined as the portion of exposed pad which is guaranteed to
be free from resin flashes/bleeds, bordered by internal edge of inner groove.
L9690
TQFP128 (14X14X1.0 mm, 8.0x8.0 mm exp. pad down) package information
DB4806 - Rev 2
page 18/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com