Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9690 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9690
Description  Automotive 12 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9690 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9690 Datasheet HTML 10Page - STMicroelectronics L9690 Datasheet HTML 11Page - STMicroelectronics L9690 Datasheet HTML 12Page - STMicroelectronics L9690 Datasheet HTML 13Page - STMicroelectronics L9690 Datasheet HTML 14Page - STMicroelectronics L9690 Datasheet HTML 15Page - STMicroelectronics L9690 Datasheet HTML 16Page - STMicroelectronics L9690 Datasheet HTML 17Page - STMicroelectronics L9690 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
3.5
Deployment drivers and diagnostics
•
12 high-side deployment drivers, 12 low side deployment drivers
•
Low-energy actuator (LEA) support available on 2 channels (6 and 7)
•
Common-return (CSRx) connection support available on 2 channel couples (2-3 and 4-5)
•
Independently controlled high-side and low-side FETs
•
User-programmable deployment options
–
Low current: 1.21 A minimum
–
High current: 1.76 A minimum
–
Programmable dwell time in 16 µs increments
–
Automatic dynamic deployment current profile
•
Configurable deployment current monitor feature
•
Deployment interruption in case of high-side short to ground and/or supply overvoltage
•
Squib/LEA resistance measurement
•
High and low-side FET tests
•
Open and shorts diagnostics, including between loop drivers
•
LEA diode presence/integrity diagnostics
3.6
Remote sensor interfaces
•
6 channel receiver, PSI-5 v2.3 compatible with SYNC pulse
•
Dedicated supply input pins for both satellite and SYNC pulse operation
•
Current limit with short circuit protection diagnostics
•
Auto-adjusting current trip points for each channel
•
Satellite data with parity and CRC, 10 bit, 16 bit and 20 bit messages, 125 k or 189 kbps
•
Satellite message error detection
3.7
DC sensor interfaces
•
9 integrated interfaces with current sense capability
•
Compatible with Hall-effect, resistive and switch sensors
•
Capability to perform 2 simultaneous measurements on two different channels (0-1-2-3 and 4-5-6-7-8
grouping)
•
Current limit protected output
•
Capability to inhibit passenger airbag loops via monitoring of 2 DC sensor channels (0 and 1)
3.8
General purpose low-side outputs
•
3 low-side drivers
•
ON-OFF mode and PWM 0-100% fine control
•
Diagnostics for short circuit protection and open load detection
•
Current limit protected
L9690
Deployment drivers and diagnostics
DB4806 - Rev 2
page 14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com