Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5635A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA5635A
Description  Automotive Universal GNSS RF Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5635A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA5635A Datasheet HTML 3Page - STMicroelectronics STA5635A Datasheet HTML 4Page - STMicroelectronics STA5635A Datasheet HTML 5Page - STMicroelectronics STA5635A Datasheet HTML 6Page - STMicroelectronics STA5635A Datasheet HTML 7Page - STMicroelectronics STA5635A Datasheet HTML 8Page - STMicroelectronics STA5635A Datasheet HTML 9Page - STMicroelectronics STA5635A Datasheet HTML 10Page - STMicroelectronics STA5635A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DS12858 Rev 2
7/20
STA5635A
Pin description
19
5
TP_IF_P/Sense1(1)
RF/IF receiver chain test positive output/
Antenna Sense1 input
1.8/3.3 V
Analog
6
TP_IF_N/Sense2(1)
RF/IF receiver chain test negative output/
Antenna Sense2 input
1.8/3.3 V
Analog
7
V11_OUT_RF
LDO RF output: supply (1.1 V) for RF section
1.1 V
Supply
8
VCC_RF
Voltage supply 1.62-3.6 V for LDO RF
1.8/3.3 V
Supply
9
V11_PLL
PLL power supply (1.1 V)
1.1 V
Supply
10
TCXO_IN
TCXO input (DC coupled)
1.1 V
Analog
11
NC
Not connected
—
—
12
CHIP_EN
Enable for the whole chip
1.8/3.3 V
Digital
13
V11_OUT_DIG
LDO DIG output: power supply (1.1 V) for digital
interface and IO ring
1.8/3.3 V
Supply
14
GND_DIG
Ground for digital
1.8/3.3 V
Ground
15
VCC_IO
Voltage supply 1.62-3.6 V for digital and IO LDOs
1.8/3.3 V
Supply
16
V18_OUT
LDO 1.8V output: supply 1.8 V for external BOM
1.8/3.3 V
Supply
17
TCXO_CLK
TCXO Buffered Output at 1.1 V at VCC_IO
1.8/3.3 V
Analog/Digital
18
GND_IO
I/Os Ground
1.8/3.3 V
Ground
19
Q-sign2
Q-sign of secondary chain
1.8/3.3 V
Digital
20
I-mag2
I-mag of secondary chain
1.8/3.3 V
Digital
21
I-sign2
I-sign of secondary chain
1.8/3.3 V
Digital
22
Q-mag2
Q-mag of secondary chain
1.8/3.3 V
Digital
23
I-mag1
I-mag of main chain
1.8/3.3 V
Digital
24
I-sign1
I-sign of main chain
1.8/3.3 V
Digital
25
Q-sign1
Q-sign of main chain
1.8/3.3 V
Digital
26
Q-mag1
Q-mag of main chain / Interrupt (LBand Mode)
1.8/3.3 V
Digital
27
SPI_CLK
Serial Parallel Interface Clock
1.8/3.3 V
Digital
28
SPI_DI
Serial Parallel Interface Data Input
1.8/3.3 V
Digital
29
SPI_DO
Serial Parallel Interface Data Output
1.8/3.3 V
Digital
30
SPI_NCS
Serial Parallel Interface Chip Select
1.8/3.3 V
Digital
31
LNA_IN
LNA input, DC coupled
1.1 V
Analog
32
LNA_GND
Ground for LNA signal
1.1 V
Ground
EP
GND
Ground
Ground
1. Selectable by SPI programming.
Table 1. Pin out (continued)
#
Name
Description
Supply
domain
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com