Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5635A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA5635A
Description  Automotive Universal GNSS RF Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5635A Datasheet(HTML) 1 Page - STMicroelectronics

  STA5635A Datasheet HTML 1Page - STMicroelectronics STA5635A Datasheet HTML 2Page - STMicroelectronics STA5635A Datasheet HTML 3Page - STMicroelectronics STA5635A Datasheet HTML 4Page - STMicroelectronics STA5635A Datasheet HTML 5Page - STMicroelectronics STA5635A Datasheet HTML 6Page - STMicroelectronics STA5635A Datasheet HTML 7Page - STMicroelectronics STA5635A Datasheet HTML 8Page - STMicroelectronics STA5635A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
December 2020
DS12858 Rev 2
1/20
STA5635A
Automotive Universal GNSS RF Receiver
Datasheet
- production data
Features
 AEC-Q100 qualified
 Multi GNSS band support (L1/E1, L2C,
L5/E5/E6/L6 and L band)
 Programmable IF bandwidth (7 or 13 MHz
range)
 1.62 V to 3.6 V supply voltage range
 Smart digital interface (JESD207-
COMPATIBLE)
 Fractional-N synthesizer with embedded loop
filter
 SPI interface for full programmability and
interface to transmit L-band data bit
 2 Bit A/D converter
 Operating temperature (-40 °C, 105 °C)
 CMOS040 technology
 QFN5x5 32leads package
Description
The chip is a fully integrated RF front-end able to
support different bands (L1, L2, L5, L6 and L)
thanks to a programmable and flexible RF-IF
chain driven by a fractional PLL. In particular,
G5RF is able to manage all the GNSS
constellations available and planned in the next
future like GPS, Galileo, Glonass, BeiDou, IRNSS
and QZSS.
The RF_IF chain is followed from a 2-bit ADC
able to convert the IF signal to Sign (SIGN) and
Magnitude (MAG) bit. The MAG bit is internally
integrated in order to control the variable gain
amplifiers. The VGA gain can be also set by the
SPI interface.
Further, it is able to manage L-band signal from
1525 to 1559 MHz, in this case a dedicated 10bit
ADC is used and the SPI interface to transmit low
data rate data in L band support.
A digital interface, JESD207 compliant, is used
only to transmit GNSS data and clock to external
baseband.
The embedded fractional PLL allows supporting a
wide range of reference clocks (10 to 55 MHz)
and generates a sampling clock available for the
baseband.
The STA5635A embeds two LDOs to supply at
1.1 V the analog and digital cores of the device
facilitating requirements to external power supply.
A third LDO can be turned-on to supply at 1.8 V
external active components as a TCXO.
The chip is manufactured in CMOS040nm
Technology and housed in a QFN package.
www.st.com


Similar Part No. - STA5635A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA5635S STMICROELECTRONICS-STA5635S Datasheet
237Kb / 7P
Automotive universal GNSS RF receiver
16-Nov-2020
More results

Similar Description - STA5635A

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4120L SIGE-SE4120L Datasheet
129Kb / 2P
GNSS Receiver IC
SE4120S SIGE-SE4120S Datasheet
129Kb / 2P
GNSS Receiver IC
logo
Maxim Integrated Produc...
MAX2769B MAXIM-MAX2769B Datasheet
3Mb / 25P
Universal GPS Receiver AEC-Q100 Automotive Qualified
Rev 0; 5/11
MAX2769C MAXIM-MAX2769C Datasheet
2Mb / 29P
Universal GNSS Receiver
Rev 1; 10/16
MAX2771 MAXIM-MAX2771 Datasheet
1Mb / 50P
Multiband Universal GNSS Receiver
Rev 0; 7/18
logo
Linx Technologies
MDEV-GPS-R4 LINX-MDEV-GPS-R4 Datasheet
2Mb / 9P
GPS / GNSS Receiver Master Development System
MDEV-GNSS-GM LINX-MDEV-GNSS-GM Datasheet
1Mb / 31P
GM Series GNSS Receiver Module
2017
logo
STMicroelectronics
STA5635S STMICROELECTRONICS-STA5635S Datasheet
237Kb / 7P
Automotive universal GNSS RF receiver
16-Nov-2020
logo
List of Unclassifed Man...
ORG4572 ETC-ORG4572 Datasheet
1Mb / 40P
GNSS RECEIVER MODULE
Revision 3.0 November 23, 2014
logo
Yuechung International ...
YIC-GT-504GGB YIC-YIC-GT-504GGB Datasheet
1Mb / 17P
Multi-Constellation GNSS Receiver (G-Mouse)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com