Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5635A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA5635A
Description  Automotive Universal GNSS RF Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5635A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA5635A Datasheet HTML 9Page - STMicroelectronics STA5635A Datasheet HTML 10Page - STMicroelectronics STA5635A Datasheet HTML 11Page - STMicroelectronics STA5635A Datasheet HTML 12Page - STMicroelectronics STA5635A Datasheet HTML 13Page - STMicroelectronics STA5635A Datasheet HTML 14Page - STMicroelectronics STA5635A Datasheet HTML 15Page - STMicroelectronics STA5635A Datasheet HTML 16Page - STMicroelectronics STA5635A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DS12858 Rev 2
13/20
STA5635A
Electrical specifications
19
4.5
Thermal data
4.6
Electrical characteristics
Table 6. Thermal data
Symbol
Parameter
Value
Unit
TAMB
Ambient operating temperature
-40 to 105
°C
TRJA
Thermal Resistance Junction-Ambient
40
°C/W
Table 7. Electrical characteristics (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
SUPPLY
VCC_RF
Analog input voltage
1.62
3.3
3.6
V
VCC_IO
Voltage supply for IO,
LDO_1V8 and LDO_DIG
If IO pin are supplied at
3.3 V
3.0
3.3
3.6
V
If IO pin are supplied at
1.8 V (LDO_1V8 must
be turned-off)
1.62
1.8
1.98
ICC
RF current consumption
Vcc=1.1 V,
Main/Secondary Chain
ON
28
mA
ICC_STBY
Stand-by power
consumption
All blocks OFF
TBD
µA
VOLTAGE REGULATOR
LDO_RF
Regulator output voltage
1.0
1.1
1.2
V
LDO_DIG Regulator output voltage
1.0
1.1
1.2
V
LDO_1V8 Regulator output voltage
1.62
1.8
1.98
V
LNA
Gp
Power gain
L1-L band
17
dB
L2-L5 band
18
NF
Noise figure(1)
L1-L band
1.7
dB
L2-L5 band
1.7
P_1dB
Input compression point
-18
dBm
RFA − MIXER − IF FILTER – VGA
GpRFA
RFA voltage gain
Max gain
20
dB
Min gain
0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com