Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5635A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA5635A
Description  Automotive Universal GNSS RF Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5635A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA5635A Datasheet HTML 8Page - STMicroelectronics STA5635A Datasheet HTML 9Page - STMicroelectronics STA5635A Datasheet HTML 10Page - STMicroelectronics STA5635A Datasheet HTML 11Page - STMicroelectronics STA5635A Datasheet HTML 12Page - STMicroelectronics STA5635A Datasheet HTML 13Page - STMicroelectronics STA5635A Datasheet HTML 14Page - STMicroelectronics STA5635A Datasheet HTML 15Page - STMicroelectronics STA5635A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Electrical specifications
STA5635A
12/20
DS12858 Rev 2
4
Electrical specifications
4.1
Parameter conditions
Unless otherwise specified, all voltages are referred to GND.
4.2
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices.
STA5635A parts are tested at T = -40 °C and T = 105 °C.
4.3
Typical values
Unless otherwise specified, typical data are based on Tamb = 25 °C,
VCC_RF=VCC_IO=3.3 V, V11_OUT_RF=V11_OUT_DIG=1.1 V and V18_OUT=1.8 V.
4.4
Absolute maximum rating
Table 5. Absolute maximum rating
Symbol
Parameter
Value
Unit
Min
Max
VCC_RF
Supply voltages
-0.3
3.9
V
VCC_IO
Supply voltages
-0.3
3.9
V
V18_OUT
Supply voltages
-0.3
1.98
V
V11_OUT_RF
Supply voltages
-0.3
1.25
V
V11_OUT_DIG
Supply voltages
-0.3
1.25
V
V11_LNA,
V11_PLL
V11_CHAIN
Supply voltages
-0.3
1.25
V
TJ
Junction operating temperature
-40
125
°C
TS
Storage temperature
-65
150
°C
ESDHBM
Electro static discharge – Human Body Model
-
2
kV
ESDCDM
Electro static discharge – Charge Device Model
-
250
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com