Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C5 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 43Page - STMicroelectronics SPSB081C5 Datasheet HTML 44Page - STMicroelectronics SPSB081C5 Datasheet HTML 45Page - STMicroelectronics SPSB081C5 Datasheet HTML 46Page - STMicroelectronics SPSB081C5 Datasheet HTML 47Page - STMicroelectronics SPSB081C5 Datasheet HTML 48Page - STMicroelectronics SPSB081C5 Datasheet HTML 49Page - STMicroelectronics SPSB081C5 Datasheet HTML 50Page - STMicroelectronics SPSB081C5 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 135 page
background image
Table 17. Device information read access
Operating code
OC1
OC0
1
1
Table 18. ROM address range
ROM address
Description
Access
3FH
<Advanced Op.>
W
3EH
<GSB options>
R
…
20H
<SPI CPHA test>
R
16H
<WD bit pos. 4>
R
15H
<WD bit pos. 3>
R
14H
<WD bit pos. 2>
R
13H
<WD bit pos. 1>
R
12H
<WD type 2>
R
11H
<WD type 1>
R
10H
<SPI mode>
R
…
0AH
<silicon Ver.>
R
…
05H
<device No.4>
R
04H
<device No.3>
R
03H
<device No.2>
R
02H
<device No.1>
R
01H
<device family>
R
00H
<company code>
R
4.3.1
Information registers
The device information registers can be read by using OpCode ‘11’. After shifting out the GSB the 8-bit wide
payload is transmitted. By reading device information registers a communication width, which is minimum 16 bits
plus a multiple by 8 can be used. After shifting out the GSB followed by the 8-bit wide payload a series of ‘0’ is
shifted out at the SDO.
Table 19. SPSB081 information registers map
ROM address
Description
Access
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
3FH
<Advanced Op.>
3EH
<GSB options>
R
→
0
0
0
0
0
0
0
0
…
20H
<SPI CPHA test>
R
→
0
1
0
1
0
1
0
1
16H
<WD bit pos. 4>
R
→
C0H
15H
<WD bit pos. 3>
R
→
7FH
14H
<WD bit pos. 2>
R
→
C0H
13H
<WD bit pos. 1>
R
→
41H
SPSB081
Address definition
DS14048 - Rev 1
page 47/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com