Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C5 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 24Page - STMicroelectronics SPSB081C5 Datasheet HTML 25Page - STMicroelectronics SPSB081C5 Datasheet HTML 26Page - STMicroelectronics SPSB081C5 Datasheet HTML 27Page - STMicroelectronics SPSB081C5 Datasheet HTML 28Page - STMicroelectronics SPSB081C5 Datasheet HTML 29Page - STMicroelectronics SPSB081C5 Datasheet HTML 30Page - STMicroelectronics SPSB081C5 Datasheet HTML 31Page - STMicroelectronics SPSB081C5 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 135 page
background image
3.11.2
Error handling
The device LIN transceiver provides the following three error handling features.
3.11.2.1
Dominant TxD_L time out
If TXD_L is in dominant state (low) for t > tdom(TXDL) the transmitter is disabled, the related status bit
LIN_TXD_DOM (SR2) is set.
The transmitter remains disabled until the status bit is cleared.
The TxD dominant timeout detection can be disabled via SPI (LIN_TXD_TOUT_EN =0).
3.11.2.2
Permanent recessive
If TXD_L changes to dominant (low) state but RXD_L signal does not follow within t < tLIN the transmitter is
disabled, the status bit LIN_PERM_REC (SR2) is set.
The transmitter remains disabled until the status bit is cleared.
3.11.2.3
Permanent dominant
If the bus state is dominant (low) for t > tdom(bus) a bus permanent dominant failure is detected. The status bit
LIN_PERM_DOM (SR2) is set.
The transmitter is not disabled.
3.11.3
Wake-up from standby modes
In low power modes (V1_standby mode and VBAT_standby mode) the SPSB081 can receive two types of
wake-up signals from the LIN bus (configurable by SPI bit LIN_WU_config):
•
Recessive-Dominant-Recessive pattern with t > tdom_LIN (default, according to LIN 2.2a)
A dominant time of at least 150us must be identified as a wake-up. Shorter dominant times may wake up the
device.
•
State change recessive-to-dominant or dominant-to-recessive (according to LIN 2.1)
Note:
Dominant levels having duration less than a glitch filter time (it is defined 28 µs minimum, according to OEM
requirements version 1.3) have to be filtered and therefore they cannot wake up the device.
3.11.3.1
Pattern wake-up (default)
Figure 18. Wake-up behavior according to LIN 2.2a
3.11.3.2
Status change wake-up - Recessive-to-dominant
Normal wake-up can occur when the LIN transceiver was set in standby mode while LIN was in recessive (high)
state. A dominant level at LIN for tLINBUS switches the device to active mode.
SPSB081
LIN bus interfaces (only for SPSB0815 and SPSB0813)
DS14048 - Rev 1
page 28/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com