Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C5 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 25Page - STMicroelectronics SPSB081C5 Datasheet HTML 26Page - STMicroelectronics SPSB081C5 Datasheet HTML 27Page - STMicroelectronics SPSB081C5 Datasheet HTML 28Page - STMicroelectronics SPSB081C5 Datasheet HTML 29Page - STMicroelectronics SPSB081C5 Datasheet HTML 30Page - STMicroelectronics SPSB081C5 Datasheet HTML 31Page - STMicroelectronics SPSB081C5 Datasheet HTML 32Page - STMicroelectronics SPSB081C5 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 135 page
background image
3.11.3.3
Status change wake-up - Dominant-to-recessive
If the LIN transceiver was set in standby mode while LIN was in dominant (low) state, recessive level at LIN for
tLINBUS, switches the device to active mode.
3.12
CAN FD bus transceiver
3.12.1
Features
•
ISO 11898-2:2016 compliant
•
CAN-FD cell has been designed according to “Hardware requirements for transceivers (version 1.3)”
•
Listen mode (transmitter disabled)
•
SAE J2284 compliant
•
Designed according to SAE J2962-2 (draft nov. 2017)
•
Supported bitrates of at least 2Mb/s for operation (5Mb/s max bit rate)
•
Function range from -27V to +40V DC at CAN pins.
•
GND disconnection Fail-Safe at module level.
•
GND shift operation at system level.
•
Micro controller Interface with CMOS compatible I/O pins.
•
ESD and transient immunity according to ISO7637 and EN / IEC61000-4-2
•
Matched output slopes and propagation delay
3.12.2
CAN transceiver supply
The two low drops out voltage regulators (V1 and V2) are able to supply the CAN FD transceiver when configured
as a 5 V LDO (see Table 6. Voltage regulators configuration).
CAN FD supply is monitored, only in active mode, assuring the properly rail:
if VCANSUP < VCANSUPlow then after the filter time tCANSUPvalid:
•
CAN_SUP_LOW flag is set to 1
•
CAN bus is biased by internal regulator
•
The transmitter is disabled
When VCANSUP pin > VCANSUPvalid then after the filter time tCANSUPvalid:
•
CAN_SUP_LOW flag can be cleared
•
CAN bus is biased by VCANSUP pin
•
The transmitter is enabled.
When VCANSUP is connected to V2, and V2 is OFF during standby mode, the CAN_SUP_LOW flag is triggered
when the device wakes up and goes back in ACTIVE mode.
When VCANSUP is connected to V1, and the device is put in VBAT_standby mode, the CAN_SUP_LOW flag is
triggered when the device wakes up and goes back in ACTIVE mode.
SPSB081
CAN FD bus transceiver
DS14048 - Rev 1
page 29/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com