Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081C5 Datasheet(PDF) 94 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 90Page - STMicroelectronics SPSB081C5 Datasheet HTML 91Page - STMicroelectronics SPSB081C5 Datasheet HTML 92Page - STMicroelectronics SPSB081C5 Datasheet HTML 93Page - STMicroelectronics SPSB081C5 Datasheet HTML 94Page - STMicroelectronics SPSB081C5 Datasheet HTML 95Page - STMicroelectronics SPSB081C5 Datasheet HTML 96Page - STMicroelectronics SPSB081C5 Datasheet HTML 97Page - STMicroelectronics SPSB081C5 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 135 page
background image
Bit
Name
Description
1 = CAN Trx Active Mode
At Exit from Active Mode, this bit is set to ‘0’ automatically
4
LIN_WU_EN(2)
Enable wake-up by LIN
0 = disabled
1 = enabled (default)
Note:
The wake-up behavior is configurable in the Configuration Register (0x3F)
3
CAN_WU_EN (2)
CAN Receive only Mode
0 CAN Receive Only Mode disabled (default)
1 CAN Receive Only Mode enabled (CAN Trx must be activated, see CAN_ACT bit)
2
TIMER_NINT _SEL
CAN Transceiver activation
0 = CAN Trx Low Power Mode (default)
1 = CAN Trx Active Mode
At Exit from Active Mode, this bit is set to ‘0’ automatically
1
TIMER_WU _EN
Enable wake-up by LIN
0 = disabled
1 = enabled (default)
Note:
The wake-up behavior is configurable in the Configuration Register (0x3F)
0
TRIG
CAN Receive only Mode
0 CAN Receive Only Mode disabled (default)
1 CAN Receive Only Mode enabled (CAN Trx must be activated, see CAN_ACT bit)
1. Lower is the timer duration and major is the contribution of output tdON
2. For SPSB0815 and SPSB0813 either LIN, CAN or WUx must be enabled as wake-up source. For
SPSB081C devices (without LIN), the LIN_WU_EN is forced to 0. If DIR_WU2_EN is set to 0, setting
all bits 3, 4, 16 & 17 to ‘0’ is an invalid setting. If DIR_WU2_EN is set to 1, setting all bits 3, 4, 16 to ‘0’ is an
invalid setting. In case of invalid setting, all wake-up sources will be configured according to default setting
and SPI Error Bit (SPIE) in Global Status Register will be set.
Table 73. Control register CR2 (0x02)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
0 (R)
0 (R/W)
0 (R)
0 (R/W)
1
(R/
W)
0 (R/W)
Table 74. CR2 signals description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
T2 ON_2
Configuration of Timer 2 on-time(1):
0 0 0 ton1 (default)
20
T2 ON_1
SPSB081
Control registers
DS14048 - Rev 1
page 94/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com