Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135GA Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA8135GA
Description  Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135GA Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA8135GA Datasheet HTML 13Page - STMicroelectronics STA8135GA Datasheet HTML 14Page - STMicroelectronics STA8135GA Datasheet HTML 15Page - STMicroelectronics STA8135GA Datasheet HTML 16Page - STMicroelectronics STA8135GA Datasheet HTML 17Page - STMicroelectronics STA8135GA Datasheet HTML 18Page - STMicroelectronics STA8135GA Datasheet HTML 19Page - STMicroelectronics STA8135GA Datasheet HTML 20Page - STMicroelectronics STA8135GA Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
3.15
Direct Memory Access (DMA)
The DMAC is an Advanced Microcontroller Bus Architecture (AMBA) compliant System-on-Chip (SoC) peripheral.
The DMAC is an AMBA AHB module, and connects to the Advanced High-performance Bus (AHB).
Module key features:
•
Eight DMA channels. Each channel can support an unidirectional transfer.
•
The DMAC provides 32 peripheral DMA request lines.
•
Single DMA and burst DMA request signals.
•
Memory-to-memory, memory-to-peripheral, peripheral-to-memory, and peripheral-to-peripheral transfers.
•
Scatter or gather DMA support through the use of linked lists.
•
Hardware DMA channel priority. DMA channel 0 has the highest priority and channel 31 has the lowest
priority.
•
If requests from two channels become active at the same time, the channel with the highest priority is
serviced first.
•
AHB slave DMA programming interface to the DMA control registers.
•
Two AHB bus masters for transferring data.
•
Programmable DMA burst size.
•
Working on AHB clock.
3.16
Antenna sensing
The following figures show how the antenna sensing circuit works. SENSE1 and SENSE2 input voltage range
must be between VRF_IN and GND.
Figure 3. Antenna sensing configuration when antenna is supplied with 3.3 V
Antenna
matching network
LNA_IN
SENSE2
SENSE1 3V3
V_ant = 3.3V
choke
R
SENSE<1>
SENSE<0>
Antenna sensing detection in STA8135GA uses two comparators with hysteresis. If the antenna is supplied with a
voltage of 3.3 V the antenna sensing can be connected as showed in the picture.
In the following tables are showed thresholds when current is rising and when is falling with R = 1.4 Ω and
V_ant = 3.3 V.
Table 10. Antenna sensing current - power rising
Current from antenna (when current is rising)
SENSE <1>
SENSE <0>
I < 24 mA
0
0
24 ≤ I ≤ 62 mA
0
1
I > 62 mA
1
1
STA8135GA
Direct Memory Access (DMA)
DB4575 - Rev 1
page 17/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com