Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135GA Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA8135GA
Description  Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135GA Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA8135GA Datasheet HTML 15Page - STMicroelectronics STA8135GA Datasheet HTML 16Page - STMicroelectronics STA8135GA Datasheet HTML 17Page - STMicroelectronics STA8135GA Datasheet HTML 18Page - STMicroelectronics STA8135GA Datasheet HTML 19Page - STMicroelectronics STA8135GA Datasheet HTML 20Page - STMicroelectronics STA8135GA Datasheet HTML 21Page - STMicroelectronics STA8135GA Datasheet HTML 22Page - STMicroelectronics STA8135GA Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
3.20
Power Management Unit (PMU)
STA8135GA embeds 5 voltage regulators (LDO):
Table 14. LDO on-chip regulators
LDO
Supply regions
Input voltage
Typical output voltage at 25 °C
CORE LDO
Core
VCORE_IN = 1.62 – 3.6 V
1.2 V
LDO2v5
Safmem, temp sensor
VIO_IN = 3.3 V
2.5 V
IO LDO
IOring 1
VIO_IN = 3.3 V
1.8 V
BACKUP LDO
Always on
VBK_IN = 1.62 – 3.6 V
1.2 V
RFLDO
RF
VRF_IN = 1.62 – 3.6 V
1.1 V
Figure 4. LDO on-chip regulators dependencies
STA8135GA
Power Management Unit (PMU)
DB4575 - Rev 1
page 19/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com