Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135GA Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA8135GA
Description  Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135GA Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA8135GA Datasheet HTML 18Page - STMicroelectronics STA8135GA Datasheet HTML 19Page - STMicroelectronics STA8135GA Datasheet HTML 20Page - STMicroelectronics STA8135GA Datasheet HTML 21Page - STMicroelectronics STA8135GA Datasheet HTML 22Page - STMicroelectronics STA8135GA Datasheet HTML 23Page - STMicroelectronics STA8135GA Datasheet HTML 24Page - STMicroelectronics STA8135GA Datasheet HTML 25Page - STMicroelectronics STA8135GA Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Table 15. TFBGA160 (7x11x1.2 mm) package mechanical data
Ref
Dimensions (mm)
Min.
Typ.
Max.
A(1)
-
-
1.20
A1
0.20
-
-
A2
-
0.27
-
A4
-
0.585
-
b(2)
0.30
0.35
0.40
D
6.85
7.00
7.15
D1
-
5.85
-
E
10.85
11.00
11.15
E1
-
9.75
-
e
-
0.65
-
Z
-
0.625
-
ddd
-
-
0.10
eee(3)
-
-
0.15
fff(4)
-
-
0.08
1. TFBGA stands for Thin Profile Fine Pitch Ball Grid Array.
•
Thin Profile: The total profile height (Dim A) is measured from the seating plane to the top of the component.
•
The maximum total package height is calculated by the following methodology:
A Max. = A1 Typ + A3 Typ + A4 Typ + √ (A1²+A3²+A4² tolerance values).
•
Thin profile: 1.00 mm < A ≤ 1.20 mm / Fine pitch: e < 1.00 mm pitch.
2. The typical ball diameter before mounting is 0.35 mm.
3. The tolerance of position that controls the location of the pattern of balls with respect to datums A and B. For each ball there
is a cylindrical tolerance zone eee perpendicular to datum C and located on true position with respect to datums A and B as
defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
4. The tolerance of position that controls the location of the balls within the matrix with respect to each other. For each ball
there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position as defined by e. The axis
perpendicular to datum C of each ball must lie within this tolerance zone. Each tolerance zone fff in the array is contained
entirely in the respective zone eee above The axis of each ball must lie simultaneously in both tolerance zones.
STA8135GA
TFBGA160 (7x11x1.2 mm) package information
DB4575 - Rev 1
page 22/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com