Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135GA Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA8135GA
Description  Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135GA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA8135GA Datasheet HTML 16Page - STMicroelectronics STA8135GA Datasheet HTML 17Page - STMicroelectronics STA8135GA Datasheet HTML 18Page - STMicroelectronics STA8135GA Datasheet HTML 19Page - STMicroelectronics STA8135GA Datasheet HTML 20Page - STMicroelectronics STA8135GA Datasheet HTML 21Page - STMicroelectronics STA8135GA Datasheet HTML 22Page - STMicroelectronics STA8135GA Datasheet HTML 23Page - STMicroelectronics STA8135GA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
3.20.1
Power Regions
STA8135GA has six major power regions. The modules present inside each power region are given below.
•
Always on backup region: 1.2 V
–
prcc_backup
–
RTC
–
Backup RAM 256 bytes
•
Switchable region: 1.2 V
–
ARM® core
–
Other digital IPs
•
RF: 1.1 V
•
OTP: 2.5 V
•
IO ring1: 1.8 V or 3.3 V
•
IO ring2: 3.3 V
By default IO ring1 is at 1.8 V supplied by internal LDO IO. If IO ring1 has to be at 3.3 V then external supply must
be applied on VIO1 at 3.3 V.
The switchable power region can be supplied by an external voltage regulator directly at pin VDD_EXT_REG. The
integrated LDO CORE has to be switched off by forcing EXT_REG_SEL to high voltage.
The usage of the external regulator to supply the switchable power region is mandatory in applications that
require to sustain 105 °C.
3.21
I2C high speed controller
One I2C high speed controller interface is capable of master/slave modes in multi-master environment. It is DMA
capable and multiple baud rates are supported: 100/400/1000/3400 Kbits/s.
3.22
Full speed USB 2.0
It supports 12 Mbps (full speed) and 1.5 Mbps (low speed) serial data transmission according to USB 2.0 OTG
controller specification.
3.23
SDMMC (Secure Digital Multi Media Card Controller)
The SDMMC card host interface provides an interface between the APB peripheral bus and Multi Media cards
(MMC), SD memory cards, SDIO cards, and CE-ATA devices.
STA8135GA
I2C high speed controller
DB4575 - Rev 1
page 20/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com