Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF70 Datasheet(PDF) 3 Page - Texas Instruments

Part # REF70
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 3 Page - Texas Instruments

  REF70_V06 Datasheet HTML 1Page - Texas Instruments REF70_V06 Datasheet HTML 2Page - Texas Instruments REF70_V06 Datasheet HTML 3Page - Texas Instruments REF70_V06 Datasheet HTML 4Page - Texas Instruments REF70_V06 Datasheet HTML 5Page - Texas Instruments REF70_V06 Datasheet HTML 6Page - Texas Instruments REF70_V06 Datasheet HTML 7Page - Texas Instruments REF70_V06 Datasheet HTML 8Page - Texas Instruments REF70_V06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
• Added Electrical Characteristics table for REF7050 (Product Preview)........................................................... 12
• Added to the notes above the Typical Characteristics plots, Vref = 2.5 V to the default conditions................. 13
• Under Temperature Drift section of the Parameter Measurement Information, corrected the figure from Long
Term Drift plot to Temperature Drift...................................................................................................................21
Changes from Revision A (December 2020) to Revision B (April 2021)
Page
• Changed REF7025 to more general REF70 series in heading and device information. Added ADC companion
products.............................................................................................................................................................. 1
• Changed Figures 7-2 and 7-20, Long-Term Stability (First 1000 Hours), to longer duration (2000 hours).......13
• Corrected typical shift from 0.021% to 0.009%.................................................................................................17
• Changed Figure 8-3, Long-Term Stability LCCC -1000 hours), to longer duration (2000 hours)..................... 18
• Corrected Figure 8-5, Thermal Hysteresis Distribution Cycle 2 (-40°C to 125°C), data and title..................... 18
• Reordered figures and paragraphs for better flow............................................................................................ 20
• Changed VREF to VREF(25°C) in Equation 2........................................................................................................21
• Added missing supply bypass capacitor value (10-μF).................................................................................... 23
• Clarified piezoelectric contribution to noise and added links to resources....................................................... 26
• Added clarification on how to connect OUTF and OUTS in specific load current condition............................. 27
• Corrected part numbers and added links in Table 10-2, Reference Op Amp Options .....................................28
Changes from Revision * (October 2020) to Revision A (December 2020)
Page
• APL to RTM release............................................................................................................................................1
www.ti.com
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com