Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF70 Datasheet(PDF) 15 Page - Texas Instruments

Part # REF70
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF70_V06 Datasheet HTML 11Page - Texas Instruments REF70_V06 Datasheet HTML 12Page - Texas Instruments REF70_V06 Datasheet HTML 13Page - Texas Instruments REF70_V06 Datasheet HTML 14Page - Texas Instruments REF70_V06 Datasheet HTML 15Page - Texas Instruments REF70_V06 Datasheet HTML 16Page - Texas Instruments REF70_V06 Datasheet HTML 17Page - Texas Instruments REF70_V06 Datasheet HTML 18Page - Texas Instruments REF70_V06 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
7.11 Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = VREF + 0.5 V, IL = 0 mA, CL = 10 μF, CIN = 0.1 μF, VREF = 2.5 V (unless otherwise noted)
Input Voltage (V)
0
4
8
12
16
20
0
0.3
0.6
0.9
1.2
1.5
VEN_HIGH
VEN_LOW
Figure 7-13. Enable Threshold vs VIN
Temperature (°C)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
0mA
5mA
10mA
Figure 7-14. Dropout Voltage vs Temperature
Noise (ppmp-p)
0
0.08
0.16
0.24
0.32
0.4
0.48
0.56
0.64
Figure 7-15. 0.1-Hz to 10-Hz Voltage Noise Distribution (300
units)
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
Figure 7-16. Noise Performance 10 Hz to 100 kHz
Frequency (Hz)
0
20
40
60
80
100
120
10
100
1k
10k
100k
1uF
10uF
100uF
Figure 7-17. Power-Supply Rejection Ratio vs Frequency
Thermal Hysteresis (ppm)
0
10
20
30
40
50
60
70
80
90
100
0
5%
10%
15%
20%
25%
30%
35%
Figure 7-18. REF7025 FKH Thermal Hysteresis Distribution (0°C
to 70°C)
www.ti.com
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com