Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF70 Datasheet(PDF) 30 Page - Texas Instruments

Part # REF70
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 30 Page - Texas Instruments

Back Button REF70_V06 Datasheet HTML 26Page - Texas Instruments REF70_V06 Datasheet HTML 27Page - Texas Instruments REF70_V06 Datasheet HTML 28Page - Texas Instruments REF70_V06 Datasheet HTML 29Page - Texas Instruments REF70_V06 Datasheet HTML 30Page - Texas Instruments REF70_V06 Datasheet HTML 31Page - Texas Instruments REF70_V06 Datasheet HTML 32Page - Texas Instruments REF70_V06 Datasheet HTML 33Page - Texas Instruments REF70_V06 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
11 Power Supply Recommendation
The REF70 family of references features a low-dropout voltage. These references can be operated with a supply
of only 50 mV above the output voltage for 0-mA output current conditions. The dropout voltage will vary with
the output current so refer to the dropout voltage to see typical dropout voltage requirements. TI recommends a
supply bypass capacitor ranging between 0.1 µF to 10 µF.
During start-up the REF70 can experience moments of high input current due to the output capacitors. The input
current can momentarily rise to ISC.
Temperature (°C)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
0mA
5mA
10mA
Figure 11-1. Dropout Voltage vs Temperature
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com