Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF70 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF70
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 1 Page - Texas Instruments

  REF70_V06 Datasheet HTML 1Page - Texas Instruments REF70_V06 Datasheet HTML 2Page - Texas Instruments REF70_V06 Datasheet HTML 3Page - Texas Instruments REF70_V06 Datasheet HTML 4Page - Texas Instruments REF70_V06 Datasheet HTML 5Page - Texas Instruments REF70_V06 Datasheet HTML 6Page - Texas Instruments REF70_V06 Datasheet HTML 7Page - Texas Instruments REF70_V06 Datasheet HTML 8Page - Texas Instruments REF70_V06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
1 Features
• Low noise enables precision measurements:
– 1/f Noise (0.1 Hz to 10 Hz): 0.23 ppmp-p
– 10 Hz to 1 kHz: 0.35 ppmrms
• Low temperature drift coefficient:
– 2 ppm/°C maximum (-40°C to 125°C)
• High accuracy: ±0.025% maximum
• Humidity resistant hermetic ceramic package
(LCCC)
• Excellent long-term stability (1k hr): 35 ppm
• Low dropout: 400 mV
• Designed for a wide range of applications:
– Wide input voltage up to 18 V
– Output current: ±10 mA
– Voltage options: 1.25 V, 2.5 V, 3 V, 3.3 V, 4.096
V, 5 V
• Ultra-flexible solution:
– Stable with 1-μF to 100-μF output low-ESR
capacitor
– High PSRR: 107 dB at 1 kHz
– Operating temperature range: −40°C to +125°C
2 Applications
• Semiconductor test equipment
• Precision data acquisition systems
• Precision weight scales
• Ultrasound scanner
• X-ray systems
• Industrial instrumentation
• PLC analog I/O modules
• Field transmitters
• Power monitoring
3 Description
The REF70 is a family of high precision series voltage
references that offers the industry’s lowest noise
(0.23 ppmp-p), very low temperature drift coefficient
(2 ppm/°C), and high accuracy (±0.025%). The
REF70 offers a high PSRR, low drop-out voltage
and excellent load and line regulation to help meet
strict transient requirements. This combination of
precision and features is designed for applications
such as test and measurement that demand a precise
reference to be paired with precision, high-resolution
data converters such as ADS8900B, ADS127L01 and
DAC11001A, to achieve optimal performance in the
signal chain. The REF70 is also designed for noise-
sensitive medical applications such as ultrasound and
X-ray to help enable low-noise measurements from
the analog front end.
The REF70 family is available in VSSOP and LCCC
package options. The LCCC (FKH) package is a
hermetically sealed ceramic package that allows for
low, long-term drift for applications that require a
stable reference over a long time period without
calibration.
The REF70 is specified for the wide temperature
range of −40°C to +125°C. The wide temperature
range enables operation across various industrial
applications.
Device Information
PART NAME
PACKAGE (1)
BODY SIZE (NOM)
REF70
LCCC (8)
5.00 mm × 5.00 mm
VSSOP (8) (2)
3.00 mm x 3.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Package preview. Samples available for evaluation.
Noise (ppmp-p)
0
0.08
0.16
0.24
0.32
0.4
0.48
0.56
0.64
0.1-Hz to 10-Hz Voltage Noise Distribution
Temperature (°C)
-50
-25
0
25
50
75
100
125
2.499
2.49925
2.4995
2.49975
2.5
2.50025
2.5005
2.50075
2.501
Output Voltage Vs Free-Air-Temperature
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - REF70_V06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF70 TI-REF70_V01 Datasheet
985Kb / 20P
REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
REF70 TI-REF70_V02 Datasheet
1Mb / 38P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2021
REF70 TI-REF70_V03 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V04 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V05 Datasheet
1Mb / 40P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
More results

Similar Description - REF70_V06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF70 TI-REF70 Datasheet
984Kb / 19P
REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
REF70 TI-REF70_V01 Datasheet
985Kb / 20P
REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
REF70 TI-REF70_V02 Datasheet
1Mb / 38P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2021
REF70 TI-REF70_V03 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V04 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V05 Datasheet
1Mb / 40P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V07 Datasheet
1Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED MARCH 2023
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF70 TI-REF70_V08 Datasheet
2Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2023
REF54 TI1-REF54 Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com