Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA901 Datasheet(PDF) 5 Page - STMicroelectronics

Part # FDA901
Description  4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA901 Datasheet(HTML) 5 Page - STMicroelectronics

  FDA901 Datasheet HTML 1Page - STMicroelectronics FDA901 Datasheet HTML 2Page - STMicroelectronics FDA901 Datasheet HTML 3Page - STMicroelectronics FDA901 Datasheet HTML 4Page - STMicroelectronics FDA901 Datasheet HTML 5Page - STMicroelectronics FDA901 Datasheet HTML 6Page - STMicroelectronics FDA901 Datasheet HTML 7Page - STMicroelectronics FDA901 Datasheet HTML 8Page - STMicroelectronics FDA901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
N#
Pin
Function
15
VCC1+
Channel 1, half bridge plus, Power Supply
16
OUT1+
Channel 1, half bridge plus, Output
17
OUT1+
Channel 1, half bridge plus, Output
18
GND1+
Channel 1, half bridge plus, Power Ground
19
FB1+
Channel 2, half bridge plus, Feedback
20
ENABLE 3
Enable 3
21
ENABLE 2
Enable 2
22
ENABLE 1
Enable 1
23
DGSVR
Negative Analog Supply V(SVR)-0.9V (Internally generated)
24
D1e8SVR
Positive Digital Supply V(SVR)+0.9V (Internally generated)
25
DVdd
Digital supply
26
Dgnd
Digital ground
27
CPump1
Charge Pump pin1
28
VddCP
Charge Pump output voltage
29
CPump2
Charge Pump pin2
30
FB3+
Channel 3, half bridge plus, Feedback
31
GND3+
Channel 3, half bridge plus, Power Ground
32
OUT3+
Channel 3, half bridge plus, Output
33
OUT3+
Channel 3, half bridge plus, Output
34
VCC3+
Channel 3, half bridge plus, Power Supply
35
VCC3-
Channel 3, half bridge minus, Power Supply
36
OUT3-
Channel 3, half bridge minus, Output
37
OUT3-
Channel 3, half bridge minus, Output
38
FB3-
Channel 3, half bridge minus, Feedback
39
GND3-
Channel 3, half bridge minus, Power Ground
40
GND4-
Channel 4, half bridge minus, Power Ground
41
FB4-
Channel 4, half bridge minus, Feedback
42
OUT4-
Channel 4, half bridge minus, Output
43
OUT4-
Channel 4, half bridge minus, Output
44
VCC4-
Channel 4, half bridge minus, Power Supply
45
VCC4+
Channel 4, half bridge plus, Power Supply
46
OUT4+
Channel 4, half bridge plus, Output
47
OUT4+
Channel 4, half bridge plus, Output
48
FB4+
Channel 4, half bridge plus, Feedback
49
TAB
Device slug connection
50
GND4+
Channel 4, half bridge plus, Power Ground
51
CD/Diag
Clipping detector and diagnostic output pin:
– Overcurrent protection intervention
– Thermal warning
– Offset detection
FDA901
Pins description
DB3856 - Rev 1
page 5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com