Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA901 Datasheet(PDF) 11 Page - STMicroelectronics

Part # FDA901
Description  4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA901 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button FDA901 Datasheet HTML 7Page - STMicroelectronics FDA901 Datasheet HTML 8Page - STMicroelectronics FDA901 Datasheet HTML 9Page - STMicroelectronics FDA901 Datasheet HTML 10Page - STMicroelectronics FDA901 Datasheet HTML 11Page - STMicroelectronics FDA901 Datasheet HTML 12Page - STMicroelectronics FDA901 Datasheet HTML 13Page - STMicroelectronics FDA901 Datasheet HTML 14Page - STMicroelectronics FDA901 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Symbol
Dimensions in mm
Min.
Typ.
Max.
Ө3
11°
12°
13°
A
-
-
1.49
A1
-0.04
-
0.04
A2
1.35
1.40
1.45
b
0.17
0.22
0.27
b1
0.17
0.20
0.23
c
0.09
-
0.20
c1
0.09
0.127
0.16
D
12.00 BSC
D1(1) (2)
10.00 BSC
D2
See VARIATIONS
D3
See VARIATIONS
e
0.50 BSC
E
12.00 BSC
E1(1)(2)
10.00 BSC
E2
See VARIATIONS
E3
See VARIATIONS
L
0.45
0.60
0.75
L1
1.00 REF
N
64
R1
0.08
-
-
R2
0.08
-
0.20
S
0.20
-
-
Tolerance of form and position
aaa
0.20
bbb
0.20
ccc
0.08
ddd
0.08
VARIATIONS
Pad option 6.0x6.0 (T1-T3)(3)
D2
-
-
6.61
E2
-
-
6.61
D3
4.8
-
-
E3
4.8
-
-
1. Dimensions D1 and E1 do not include mold flash or protrusions. Allowable mold flash or protrusion is “0.25 mm” per side.
2. The Top package body size may be smaller than the bottom package size by much as 0.15 mm.
3. Number, dimensions and position of groves shown in Figure 4 are for reference only.
FDA901
LQFP64 (10x10x1.4 mm exp. pad up) package information
DB3856 - Rev 1
page 11/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com