Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA901 Datasheet(PDF) 8 Page - STMicroelectronics

Part # FDA901
Description  4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA901 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button FDA901 Datasheet HTML 4Page - STMicroelectronics FDA901 Datasheet HTML 5Page - STMicroelectronics FDA901 Datasheet HTML 6Page - STMicroelectronics FDA901 Datasheet HTML 7Page - STMicroelectronics FDA901 Datasheet HTML 8Page - STMicroelectronics FDA901 Datasheet HTML 9Page - STMicroelectronics FDA901 Datasheet HTML 10Page - STMicroelectronics FDA901 Datasheet HTML 11Page - STMicroelectronics FDA901 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
3
General information
FDA901 is a fully digital single chip class D amplifier with high immunity to the demodulation filter effects. The
high integration level and the on-board signal processing allow excellent audio performance to be achieved.
Thanks to the digital input and to the feedback strategy in the power stage that make the amplifier immune from
the output filter components non-linearity, the number and size of the external components are minimized.
A number of features is included to reduce EMI and the fully digital approach provides a strong GSM immunity.
FDA901 includes: digital I2C and I2S interfaces, internal 24 bits DAC conversion, digital signal processing for
interpolation and noise shaping, innovative self-diagnostic functions and automatic detection of wrong load
connections or variation of the load, internal PLL for a clock generation.
3.1
New feedback topology
FDA901 adopts an innovative feedback topology, where the LC filter is included in the feedback loop making the
amplifier highly insensitive to the characteristics of such a demodulation circuit. This solution optimizes the system
performance in terms of THD and frequency response in any load conditions.
Regardless of the big phase shifting introduced by the output filter the device shows an adequate phase margin
for any load condition. The system stability has been tested taking into account:
PWM switching variation (from 300 to 440 kHz)
Silicon temperature variation (from -40 to 150 °C)
Load variation (both inductive and capacitive considered)
LC demodulator filter variation and tolerance
Voltage supply variation (from 6 to 25 V)
The system has been designed to guarantee a phase margin > 45 deg for any working condition.
The new feedback topology assures a strong control of voltage and current across the load making the diagnostic
load detection reliable. Moreover this topology allows to reach exceptionally good values of output damping factor.
3.2
LC filter design
The audio performance of a Class D amplifier is heavily influenced by the characteristics of the output LC filter.
The choice of its components is quite critical because a lot of constraints have to be fulfilled at the same time:
size, cost, EMI filtering and efficiency. In particular, both the inductor and the capacitor exhibit a non linear
behavior: the value of the inductance is a function of the instantaneous current in it and similarly the value of the
capacitor is a function of the voltage across it.
In the classical approach, where the feedback loop is closed right at the output of the power stage, the LC filter is
placed outside the loop and these nonlinearities cause the Total Harmonic Distortion (THD) to increase. The only
way to avoid this phenomenon would be to use components which are highly linear, but this means they are also
bigger and/or more expensive.
Furthermore, when the LC filter is outside the loop, its frequency response heavily depends on the impedance of
the loudspeaker; this is one of the most critical aspects of Class D amplifiers. In standard Class D this can be
mitigated, but not solved, by increasing cost, volume and power dissipation. FDA901, instead, provides a very flat
frequency response over audio-band which cannot be achieved by standard class D without feedback after LC
filter.
Since the demodulator group is now in the feedback path, some constraints regarding the inductor and capacitor
choice are still present but of course less stringent than in the case of a typical switching application.
3.3
Load possibilities
FDA901 supports several load possibilities and configurations. The default configuration is suitable for a 4-
channel application (front/rear - left/right). By means of I2C register settings it is possible to choose a 2-channel
solution with parallel outputs (left/right) or a 2.1 configuration for sub-woofer application.
Possible channel configurations:
4 x 4 ohm (up to 25 V);
4 x 2 ohm (up to 18 V);
FDA901
General introduction
DB3856 - Rev 1
page 8/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com