Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA901 Datasheet(PDF) 10 Page - STMicroelectronics

Part # FDA901
Description  4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA901 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button FDA901 Datasheet HTML 6Page - STMicroelectronics FDA901 Datasheet HTML 7Page - STMicroelectronics FDA901 Datasheet HTML 8Page - STMicroelectronics FDA901 Datasheet HTML 9Page - STMicroelectronics FDA901 Datasheet HTML 10Page - STMicroelectronics FDA901 Datasheet HTML 11Page - STMicroelectronics FDA901 Datasheet HTML 12Page - STMicroelectronics FDA901 Datasheet HTML 13Page - STMicroelectronics FDA901 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
4.1
LQFP64 (10x10x1.4 mm exp. pad up) package information
Figure 3. LQFP64 (10x10x1.4 mm exp. pad up) package outline
SECTION B-B
SECTION A-A
BOTTOM VIEW
TOP VIEW
S
L
b1
c
c1
(b)
(L1)
0
R1
R2
BASE METAL
GAUGE PLANE
WITH PLATING
H
θ
2
θ
3
θ
θ
1
8442224_3_A0VY
GAPGPS03448
STAND OFF -
STAND OFF +
(see SECTION A-A)
Table 4. LQFP64 (10x10x1.4 mm exp. pad up) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
Ө
3.5°
Ө1
-
-
Ө2
11°
12°
14°
FDA901
Package information
DB3856 - Rev 1
page 10/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com