Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA903D-EHT Datasheet(PDF) 52 Page - STMicroelectronics

Part # FDA903D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D-EHT Datasheet(HTML) 52 Page - STMicroelectronics

Back Button FDA903D-EHT Datasheet HTML 48Page - STMicroelectronics FDA903D-EHT Datasheet HTML 49Page - STMicroelectronics FDA903D-EHT Datasheet HTML 50Page - STMicroelectronics FDA903D-EHT Datasheet HTML 51Page - STMicroelectronics FDA903D-EHT Datasheet HTML 52Page - STMicroelectronics FDA903D-EHT Datasheet HTML 53Page - STMicroelectronics FDA903D-EHT Datasheet HTML 54Page - STMicroelectronics FDA903D-EHT Datasheet HTML 55Page - STMicroelectronics FDA903D-EHT Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
Additional features
FDA903D
52/82
DocID031502 Rev 2
The current sensing full scale set through IB8[7,6] corresponds to the following 15-bit
digital word read on I2Stest:
–
437.5 mFs
if WS = 44.1 kHz or 48 kHz, IB1[4,3]='00'
–
500 mFs
if WS = 44.1 kHz or 48 kHz, IB1[4,3]='01'
–
562.5 mFs
If WS = 44.1 kHz or 48 kHz, IB1[4,3]='10'
–
250 mFs
if WS = 96 kHz
–
125 mFs
if WS = 192 kHz
The function provides the current information only in MUTE and PLAY states.
12.4.2
Current sensing limitations
The maximum current sensing full scale is 8 A, even if the device can drive up to 11 A
typically.
The default full scale is 8 A. The user can choose a lower full scale in order to increase the
resolution. However, setting a lower full scale is not suggested when enabling the Open
Load in Play Detector or Output Current Offset Detector.
As depicted in Figure 63, the current sensing provides the measured differential current
flowing through OUTP and OUTM, which is different from the current flowing through the
speaker due to the external filter capacitors. This mentioned contribution could be significant
at high frequency. Moreover, the current sensing circuit comprehends a low-pass filter
attenuating signals over 20 kHz frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com