Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA903D-EHT Datasheet(PDF) 11 Page - STMicroelectronics

Part # FDA903D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D-EHT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button FDA903D-EHT Datasheet HTML 7Page - STMicroelectronics FDA903D-EHT Datasheet HTML 8Page - STMicroelectronics FDA903D-EHT Datasheet HTML 9Page - STMicroelectronics FDA903D-EHT Datasheet HTML 10Page - STMicroelectronics FDA903D-EHT Datasheet HTML 11Page - STMicroelectronics FDA903D-EHT Datasheet HTML 12Page - STMicroelectronics FDA903D-EHT Datasheet HTML 13Page - STMicroelectronics FDA903D-EHT Datasheet HTML 14Page - STMicroelectronics FDA903D-EHT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
DocID031502 Rev 2
11/82
FDA903D
Pins description
81
16
NC
Not connected
17
D1V8SVR
Positive digital supply V(SVR)+0.9V (Internally generated)
18
DGSVR
Negative digital supply V(SVR)-0.9V (Internally generated)
19
I2Cdata
I2C Data
20
I2Cclk
I2C Clock
21
I2Stest
test pin, left open
22
I2Sdata
I2S/TDM data
23
I2Sclk
I2S/TDM Clock input
24
I2Sws
I2S/TDM Sync input /Word Select input
25
AGnd
Analog ground
26
AVdd
Analog supply
27
A5VSVR
Positive Analog Supply V(SVR)+2.5V (Internally generated)
28
AGSVR
Negative Analog Supply V(SVR)-2.5V (Internally generated)
29
SVR
Supply Voltage Ripple Rejection Capacitor
30
HWMute
Hardware mute pin
31
FBP
Channel half bridge plus, Feedback
32
OUTP
Channel half bridge plus, Output
33
OUTP
Channel half bridge plus, Output
34
NC
Not connected
35
VCCP
Channel half bridge plus, Power Supply
36
GNDP
Channel half bridge plus, Power Ground
Table 2. Pins list function
Pin #
Pin name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com