Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA903D-EHT Datasheet(PDF) 23 Page - STMicroelectronics

Part # FDA903D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D-EHT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button FDA903D-EHT Datasheet HTML 19Page - STMicroelectronics FDA903D-EHT Datasheet HTML 20Page - STMicroelectronics FDA903D-EHT Datasheet HTML 21Page - STMicroelectronics FDA903D-EHT Datasheet HTML 22Page - STMicroelectronics FDA903D-EHT Datasheet HTML 23Page - STMicroelectronics FDA903D-EHT Datasheet HTML 24Page - STMicroelectronics FDA903D-EHT Datasheet HTML 25Page - STMicroelectronics FDA903D-EHT Datasheet HTML 26Page - STMicroelectronics FDA903D-EHT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
DocID031502 Rev 2
23/82
FDA903D
General information
81
6
General information
6.1
LC filter design
The audio performance of a Class D amplifier are heavily influenced by the characteristics
of the output LC filter. The choice of its components is quite critical because a lot of
constraints have to be fulfilled at the same time: size, cost, filter for EMI suppression,
efficiency. In particular, both the inductor and the capacitor exhibit a non linear behavior: the
value of the inductance is a function of the instantaneous current in it and similarly the value
of the capacitor is a function of the voltage across it.
In the classical approach, where the feedback loop is closed right at the output of the power
stage, the LC filter is placed outside the loop and these nonlinearities cause the Total
Harmonic Distortion (THD) to increase. The only way to avoid this phenomenon would be to
use components which are highly linear, but this means they are also bigger and/or more
expensive.
Furthermore, when the LC filter is outside the loop, its frequency response heavily depends
on the impedance of the loudspeaker; this is one of the most critical aspects of Class-D
amplifiers. In standard class D this can be mitigated, but not solved, by means of additional
damping networks, increasing cost, space and power dissipation. FDA903D, instead,
provides a very flat frequency response over audio-band which can not be achieved by
standard class D without feedback after LC filter.
Since the demodulator group is now in the feedback path, some constraints regarding the
inductor and capacitor choice are still present but of course less stringent than in the case of
a typical switching application.
Moreover FDA903D can be used with the 'classical' configuration of feedback on output
(before LC filter), through I2C configuration, allowing the maximum flexibility. The choice
depends mainly on EMI target /requirements and could slightly affect other performances
(like damping factor, or THD).
6.2
Load possibilities
FDA903D supports several load possibilities, driving 2 Ω, 4 Ω and higher ohmic loads.
Possible channel configurations are:
1 x 4 ohm (or higher) (up to 18 V)
1 x 2 ohm (up to 16 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com