Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA903D-EHT Datasheet(PDF) 64 Page - STMicroelectronics

Part # FDA903D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D-EHT Datasheet(HTML) 64 Page - STMicroelectronics

Back Button FDA903D-EHT Datasheet HTML 60Page - STMicroelectronics FDA903D-EHT Datasheet HTML 61Page - STMicroelectronics FDA903D-EHT Datasheet HTML 62Page - STMicroelectronics FDA903D-EHT Datasheet HTML 63Page - STMicroelectronics FDA903D-EHT Datasheet HTML 64Page - STMicroelectronics FDA903D-EHT Datasheet HTML 65Page - STMicroelectronics FDA903D-EHT Datasheet HTML 66Page - STMicroelectronics FDA903D-EHT Datasheet HTML 67Page - STMicroelectronics FDA903D-EHT Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
I2C register
FDA903D
64/82
DocID031502 Rev 2
15
I2C register
15.1
Instruction bytes- “I00xxxxx”
Table 13. IB0-ADDR: “I0000000”
Data bit
Default value
Definition
D7
0
Lock bit:
0 - Write on IBs is enable
1 - Write on IBs is disable
D6
00
Digital input settings:
D5
D4-D1
0000
4 bits for channel position selection for I2S standard, TDM4, 8 and 16:
D4-D1
Position selection
0000
slot 0 (TDM mode) - right ch. (I2S mode
0001
slot 1 (TDM mode) - left ch. (I2S mode)
0010
slot 2 (TDM mode)
0011
slot 3 (TDM mode)
0100
slot 4 (TDM 8 and 16 mode)
0101
slot 5 (TDM 8 and 16 mode)
0110
slot 6 (TDM 8 and 16 mode)
0111
slot 7 (TDM 8 and 16 mode)
1000
slot 8 (TDM 16 mode)
1001
slot 9 (TDM 16 mode)
1010
slot 10 (TDM 16 mode)
1011
slot 11 (TDM 16 mode)
1100
slot 12 (TDM 16 mode)
1101
slot 13 (TDM 16 only)
1110
slot 14 (TDM 16 only)
1111
slot 15 (TDM 16 only)
D0
0
0 - Standard voltage mode
1 - Low voltage mode
D6-D5
Input setting
00
I2S standard
01
TDM – 4 CHs
10
TDM – 8 CHs
11
TDM – 16 CHs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com