Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVT673-R1S2-1 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LVT673-R1S2-1
Description  HYPER TOPLED, HYPER BRIGHT LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVT673-R1S2-1 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LVT673-R1S2-1 Datasheet HTML 4Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 5Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 6Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 7Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 8Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 9Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 10Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 11Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LB T673, LV T673, LT T673
2001-06-268
Relative Lichtst
ärke I
V/IV(25
°C) = f (TA)
Relative Luminous Intensity
I
F = 20 mA
Dominante Wellenl
änge
dom = f (IF)
Dominant Wavelength
LV
, T
A = 25 °C
Dominante Wellenl
änge
dom = f (IF)
Dominant Wavelength
LB
, T
A = 25 °C
Dominante Wellenl
änge
dom = f (IF)
Dominant Wavelength
LT
, T
A = 25 °C
OHL00870
0
-10
V
V (25
˚C)
I
I
˚C
V
A
T
10
30
50
70
100
0.2
0.4
0.6
0.8
1.2
I
OHL00503
502
dom
0
F
10
20
30
40 mA 50
503
504
505
506
507
508
509
510
511
nm
verde
I
OHL00500
469.0
dom
0
F
10
20
30
40 mA 50
469.5
470.0
470.5
471.0
471.5
472.5
nm
blue
I
OHL00882
521
dom
0
F
10
20
30
40 mA 50
523
525
527
529
531
533
535
537
nm
541
true green
539



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com