Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVT673-R1S2-1 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LVT673-R1S2-1
Description  HYPER TOPLED, HYPER BRIGHT LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVT673-R1S2-1 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LVT673-R1S2-1 Datasheet HTML 7Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 8Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 9Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 10Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 11Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 12Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 13Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 14Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LB T673, LV T673, LT T673
2001-06-26
13
Empfohlenes L
ötpaddesign IR Reflow Löten / Wellenlöten (TTW)
Recommended Solder Pad
IR Reflow Soldering / TTW Soldering
Ma
ße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
OHLPY970
4.5 (0.177)
1.5 (0.059)
Paddesign
for improved
heat dissipation
Cu-area > 16 mm
Cu-Fl
äche > 16 mm
2
f
ür verbesserte
Padgeometrie
W
ärmeableitung
2
Solder resist
L
ötstopplack
4.5 (0.177)
1.5 (0.059)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com