Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVT673-R1S2-1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LVT673-R1S2-1
Description  HYPER TOPLED, HYPER BRIGHT LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVT673-R1S2-1 Datasheet(HTML) 5 Page - OSRAM GmbH

  LVT673-R1S2-1 Datasheet HTML 1Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 2Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 3Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 4Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 5Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 6Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 7Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 8Page - OSRAM GmbH LVT673-R1S2-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LB T673, LV T673, LT T673
2001-06-265
Helligkeitswerte werden mit einer Stromeinpr
ägedauer von 25 ms und einer Genauigkeit von 11% ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of
11%.
1) Wellenl
ängengruppen / Wavelength groups
Gruppe
Group
blue
verde
true green
Einheit
Unit
min.
max. min.
max. min.
max.
3
464
468
498
503
519
525
nm
4
468
472
503
507
525
531
nm
5
472
476
507
512
531
537
nm
Helligkeits-Gruppierungsschema
Luminous Intensity Groups
Lichtgruppe
Luminous Intensity Group
Lichtst
ärke
Luminous Intensity
I
V (mcd)
Lichtstrom
Luminous Flux
V (mlm)
M2
N1
N2
P1
P2
Q1
Q2
R1
R2
S1
S2
T1
22.4
… 28.0
28.0
… 35.5
35.5
… 45.0
45.0
… 56.0
56.0
… 71.0
71.0
… 90.0
90.0
… 112.0
112.0
… 140.0
140.0
… 180.0
180.0
… 224.0
224.0
… 280.0
280.0
… 355.0
75 (typ.)
95 (typ.)
120 (typ.)
150 (typ.)
190 (typ.)
240 (typ.)
300 (typ.)
380 (typ.)
480 (typ.)
600 (typ.)
760 (typ.)
950 (typ.)
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: S2-3
Example: S2-3
Lichtgruppe
Luminous Intensity Group
Halbgruppe
Half Group
Wellenl
änge
Wavelength
S
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com