Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR14 Datasheet(PDF) 13 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 9Page - STMicroelectronics CR14 Datasheet HTML 10Page - STMicroelectronics CR14 Datasheet HTML 11Page - STMicroelectronics CR14 Datasheet HTML 12Page - STMicroelectronics CR14 Datasheet HTML 13Page - STMicroelectronics CR14 Datasheet HTML 14Page - STMicroelectronics CR14 Datasheet HTML 15Page - STMicroelectronics CR14 Datasheet HTML 16Page - STMicroelectronics CR14 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
CR14
3 CR14 registers
13/46
3.1
Parameter Register (00h)
The Parameter Register is an 8-bit volatile register used to configure the CR14, and thus, to
customize the circuit behavior. The Parameter Register is located at the I²C address 00h and it
is accessible in I²C Read and Write modes. Its default value, 00h, puts the CR14 in standard
ISO14443 type-B configuration.
Table 3.
Parameter Register Bits Description
3.2
Input/Output Frame Register (01h)
The Input/Output Frame Register is a 36-Byte buffer that is accessed serially from Byte 0
through to Byte 35 (see Table 4). It is located at the I²C address 01h.
The Input/Output Frame Register is the buffer in which the CR14 stores the data Bytes of the
request frame to be sent to the PICC. It automatically stores the data Bytes of the answer frame
received from the PICC. The first Byte (Byte 0) of the Input/Output Frame Register is used to
store the frame length for both transmission and reception.
When accessed in I²C Write mode , the register stores the request frame Bytes that are to be
transmitted to the PICC. Byte 0 must be set with the request frame length (in Bytes) and the
frame is stored from Byte 1 onwards. At the end of the transmission, the 16-bit CRC is
automatically added. After the transmission, the CR14 wait for the PICC to send back an
answer frame. When correctly decoded, the PICC answer frame Bytes are stored in the Input/
Output Frame Register from Byte 1 onwards. Byte 0 stores the number of Bytes received from
the PICC.
When accessed in I²C Read mode, the Input/Output Register sends back the last PICC answer
frame Bytes, if any, with Byte 0 transmitted first. The 16-bit CRC is not stored, and it is not sent
back on the I²C bus.
Bit
Control
Value
Description
b0
Frame Standard
0
ISO14443 type-B frame management
1
RFU(1)
1.
RFU = Reserved for Future Use.
b1
RFU
0
Not used
b2
Answer Frame Format
0
Answer PICC Frames are delimited by SOF and EOF
1
Answer PICC Frames do not provide SOF and EOF delimiters
b3
ASK Modulation Depth
0
10% ASK modulation depth mode
1RFU
b4
Carrier Frequency
0
13.56MHz carrier on RF OUT is OFF
1
13.56MHz carrier on RF OUT is ON
b5
tWDG
Answer delay watchdog
b5=0, b6=0: Watchdog time-out = 500µs to be used for read
b5=0, b6=1: Watchdog time-out = 5ms to be used for read
b5=1, b6=0: Watchdog time-out = 10ms to be used for write
b5=1, b6=1: Watchdog time-out = 309ms to be used for MCU timings
b6
b7
RFU
0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com