Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR14 Datasheet(PDF) 32 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 28Page - STMicroelectronics CR14 Datasheet HTML 29Page - STMicroelectronics CR14 Datasheet HTML 30Page - STMicroelectronics CR14 Datasheet HTML 31Page - STMicroelectronics CR14 Datasheet HTML 32Page - STMicroelectronics CR14 Datasheet HTML 33Page - STMicroelectronics CR14 Datasheet HTML 34Page - STMicroelectronics CR14 Datasheet HTML 35Page - STMicroelectronics CR14 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
7 Tag access using the CR14 coupler
CR14
32/46
Figure 29. Standard TAG Command: Answer Frame Reception
Figure 30. Standard TAG Command: Complete TAG Access Description
7.2
Anti-Collision TAG Sequence
The CR14 can identify an ST short range memory using a proprietary anti-collision system.
Issuing an I²C Write command to the Slot Marker Register (Figure 16) causes the CR14 TO
automatically generate a 16-slot anti-collision sequence, and to store the identified Chip_ID in
the Input/Output Frame Register, as specified in Table 5.
After receiving the Slot Marker Register I²C Write command, the CR14 generates an RF
PCALL16 command followed by fifteen SLOT_MARKER commands, from SLOT_MARKER(1)
to SLOT_MARKER(15). After each command, the CR14 waits for a tag answer. If the answer is
correctly decoded, the corresponding Chip_ID is stored in the Input/Output Frame Register. If
there is no answer, or if the answer is wrong (with a CRC error, for example), the CR14 stores
an error code in the Input/Output Frame Register. At the end of the sequence, the host has to
read the Input/Output Frame Register to retrieve all the identified Chip_IDs.
S
T
A
R
T
Device
Select
Code
Input/
Output
Register
Address
Answer
Frame
Length
TAG
Data
S
T
O
P
SOF
EOF
Data 1
Data
Data 2
Data P
CRC
CRC
TAG
SOF
TAG
Data
TAG
Data
TAG
Data
TAG
Data
TAG
EOF
TAG
CRC
TAG
CRC
I²C
RF
ai09261
Data 1
Data
Data 2
Data P
01h
P
TAG
Data
TAG
Data
TAG
Data
Device
Select
Code
Write
I/O
Register
Address
Request
Frame
Length
Request
Frame
Bytes
I²C
START
STOP
CRC
Request
Frame
Characters
SOF
EOF
CRC
TAG
Answer Frame
Characters
SOF
EOF
T0
<-->
T1
<-->
Device
Select
Code
Read
Answer
Frame
Length
Request
Frame
Bytes
START
STOP
RF
ai09262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com