Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR14 Datasheet(PDF) 37 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 33Page - STMicroelectronics CR14 Datasheet HTML 34Page - STMicroelectronics CR14 Datasheet HTML 35Page - STMicroelectronics CR14 Datasheet HTML 36Page - STMicroelectronics CR14 Datasheet HTML 37Page - STMicroelectronics CR14 Datasheet HTML 38Page - STMicroelectronics CR14 Datasheet HTML 39Page - STMicroelectronics CR14 Datasheet HTML 40Page - STMicroelectronics CR14 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
CR14
9 DC and AC parameters
37/46
Table 11.
I²C DC Characteristics
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E0, E1, E2)
0V
≤V
IN ≤VCC
±2
µA
ILO
Output Leakage Current
(SCL, SDA, E0, E1, E2)
0V
≤V
OUT ≤VCC, SDA in Hi-Z
±2
µA
ICC
Supply Current
VCC = 5V, fC = 400kHz
(rise/fall time < 30ns), RF OFF
6mA
VCC = 5V, fC = 400kHz (rise/fall time <
30ns), RF ON
20
mA
ICC1
Supply Current (Stand-by)
VIN = VSS or VCC, VCC = 5V, RF OFF
5mA
VIL
Input Low Voltage (SCL,
SDA)
–0.3
0.3VCC
V
Input Low Voltage (E0, E1,
E2)
–0.3
0.3VCC
V
VIH
Input High Voltage (SCL,
SDA)
0.7VCC VCC + 1
V
Input High Voltage (E0, E1,
E2)
0.7VCC VCC + 1
V
VOL
Output Low Voltage (SDA)
IOL = 3mA, VCC = 5V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com